Electronic Components Datasheet Search
  English  ▼

X  

LDT960 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # LDT960
Description  3 phase AC input 400 ??500 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT960 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  LDT960 Datasheet HTML 1Page - Bel Fuse Inc. LDT960 Datasheet HTML 2Page - Bel Fuse Inc. LDT960 Datasheet HTML 3Page - Bel Fuse Inc. LDT960 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LDT960 Series is a high power switching mode power supplies with
three phase input voltage 400 – 500 VAC, delivering 960 W of output
power, covering output voltages from 24 to 72 V (model dependent).
Their compact size, high efficiency and excellent reliability together
with easy installation make them fit demanding applications where
compactness and high power are needed.
LDT960 Series are Class I isolation devices suitable for SELV and
PELV circuitry (up to 48 VDC models) and are designed to be mounted
on DIN rail and installed inside a protective enclosure.
3 phase AC input 400 – 500 VAC
High efficiency and compact size
Overload 150%
Constant current or hiccup mode limitation, user settable
Low noise thermally regulated fan
72 V output model as standard
Automation
Process Control
Communication
Instrumentation Equipment


Similar Part No. - LDT960

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LDT RUBYCON-LDT Datasheet
175Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
logo
LUMEX INC.
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
More results

Similar Description - LDT960

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
440LD68-R VISHAY-440LD68-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC/Class Y1, 500 VAC
06-Jun-13
logo
Powerbox
C4800 POWERBOX-C4800 Datasheet
219Kb / 3P
AC input 1 or 3-phase, 47 - 400 Hz
logo
Bel Fuse Inc.
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
Single or two phase input AC 187 ??550 VAC
LDT480-24 BEL-LDT480-24 Datasheet
536Kb / 4P
3 phase AC input 400 ??500 VAC
LDN40 BEL-LDN40 Datasheet
615Kb / 4P
Single phase AC input 90 - 264 VAC (110 - 345 VDC)
LDN120 BEL-LDN120 Datasheet
542Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDT2400 BEL-LDT2400 Datasheet
702Kb / 5P
3 phase AC input: 400 ??500 VAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com