Electronic Components Datasheet Search
  English  ▼

X  

TC2574 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC2574
Description  0.5A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC2574 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
0.5A Step-Down Switching Regulator
GENERAL DESCRIPTION
The TC2574 series of regulators are monolithic inte-
grated circuits ideally suited for easy and convenient design
of a step-down switching regulator (buck converter). All
circuits of this series are capable of driving a 0.5A load with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5.0V, 12V and
an adjustable output version.
These regulators were designed to minimize the num-
ber of external components to simplify the power supply
design. Standard series of inductors optimized for use with
the TC2574 are offered by several different inductor manu-
facturers.
Since the TC2574 converter is a switch–mode power
supply, its efficiency is significantly higher in comparison
with popular three-terminal linear regulators, especially with
higher input voltages. In most cases, the power dissipated
by the TC2574 regulator is so low, that the copper traces on
the printed circuit board are normally the only heatsink
needed and no additional heatsinking is required.
The TC2574 features include a guaranteed
±4% toler-
ance on output voltage within specified input voltages and
output load conditions, and
±10% on the oscillator frequency
(
±2% over 0°C to +125°C). External shutdown is included,
featuring 60
µA (typical) standby current. The output switch
includes cycle–by–cycle current limiting, as well as thermal
shutdown for full protection under fault conditions.
FEATURES
s
3.3V, 5.0V, 12V and Adjustable Output Versions
s
Adjustable Version Output Voltage Range,
1.23 to 37 V
±4% Max Over Line and Load Conditions
s
Guaranteed 0.5 A Output Current
s
Wide Input Voltage Range: 4.75 to 40V
s
Requires Only 4 External Components
s
52kHz Fixed Frequency Internal Oscillator
s
TTL Shutdown Capability, Low Power Standby Mode
s
High Efficiency
s
Uses Readily Available Standard Inductors
s
Thermal Shutdown and Current Limit Protection
APPLICATIONS
s
Simple and High–Efficiency Step–Down (Buck)
Regulator
s
Efficient Pre-Regulator for Linear Regulators
s
On–Card Switching Regulators
s
Positive to Negative Converters (Buck–Boost)
s
Negative Step-Up Converters
s
Power Supply for Battery Chargers
ORDERING INFORMATION
Part
Temperature
Number
Package
Range
TC2574-3.3VPA
8-Pin PDIP (Narrow) –40 to +125
°C
TC2574-5.0VPA
8-Pin PDIP (Narrow) –40 to +125
°C
TC2574-12.0VPA
8-Pin PDIP (Narrow) –40 to +125
°C
TC2574-VPA*
8-Pin PDIP (Narrow) –40 to +125
°C
TC2574-VOE*
16-Pin SOIC (Wide)
–40 to +125
°C
TC2574
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.
PIN CONFIGURATIONS
1
2
3
4
16
15
14
13
SIG GND
5
6
7
12
11
10
9
8
FB
NC
NC
OUTPUT
TC2574
NC
NC
NC
NC
NC
NC
NC
NC
PWR GND
ON/OFF
1
8
2
7
3
6
4
5
SIG GND
FB
OUTPUT
VIN
VIN
NC
NC
PWR GND
TC2574
ON/OFF
16-Pin SOIC (Wide)
8-Pin PDIP (Narrow)
Note: *ADJ = 1.23 To 37V.


Similar Part No. - TC2574

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
1.0A Step-Down Switching Regulator
TC2575-12.0VAT TELCOM-TC2575-12.0VAT Datasheet
168Kb / 25P
1.0A Step-Down Switching Regulator
TC2575-3.3VAT TELCOM-TC2575-3.3VAT Datasheet
168Kb / 25P
1.0A Step-Down Switching Regulator
More results

Similar Description - TC2574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com