Electronic Components Datasheet Search
  English  ▼

X  

TC2574 Datasheet(PDF) 18 Page - TelCom Semiconductor, Inc

Part # TC2574
Description  0.5A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Datasheet(HTML) 18 Page - TelCom Semiconductor, Inc

Back Button TC2574 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 22Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TC2574
18
TC2574-1 1/6/00
0.5A Step-Down Switching Regulator
VTH
≈ V
Z1 +
(1.0 +
R2 ) VBE (Q1)
R1
Figure 14. Undervoltage Lockout Circuit for Buck Converter
R1
10k
Z1
1N5242B
R2
10k
Q1
2N3904
R3
47k
CIN
22
µF
TC2574
(5V)
5
2
and
4
3
GNDs
Pins
ON/OFF
+VIN
+VIN
NOTE: This picture does not show the complete circuit.
Figure 15. Undervoltage Lockout Circuit for Buck-Boost Converter
R2
15 k
Z1
1N5242
R1
15 k
Q1
2N3904
R3
68 k
Cin
22mF
TC2574
(5V)
5
2
and
4
3
GNDs
Pins
ON/OFF
+VIN
+VIN
–VOUT
NOTE: This picture does not show the complete circuit (see Figure 8).
Adjustable Output, Low-Ripple Power Supply
A 0.5 A output current capability power supply that
features an adjustable output voltage is shown in Figure 16.
This regulator delivers 0.5 A into 1.2 to 35 V output. The input
voltage ranges from roughly 3.0 to 40 V. In order to achieve
a 10 or more times reduction of output ripple, an additional
L–C filter is included in this circuit.
Figure 16. 1.2 to 35V Adjustable 500mA Power Supply with Low Output Ripple
D1
1N5819
L1
150
µH
Output
7
1
Feedback
R2
50 k
R1
1.1 k
L2
20
µH
Output
Voltage
1.2 to 35V @ 0.5 A
Optional Output
Ripple Filter
40V Max
Unregulated
DC Input
COUT
1000
µF
C1
100
µF
CIN
22
µF
TC2574–ADJ
5
3
4
Pwr
GND
+VIN
2
Sig
GND
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com