Electronic Components Datasheet Search
  English  ▼

X  

CDCDB800 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCDB800 Datasheet HTML 10Page - Texas Instruments CDCDB800 Datasheet HTML 11Page - Texas Instruments CDCDB800 Datasheet HTML 12Page - Texas Instruments CDCDB800 Datasheet HTML 13Page - Texas Instruments CDCDB800 Datasheet HTML 14Page - Texas Instruments CDCDB800 Datasheet HTML 15Page - Texas Instruments CDCDB800 Datasheet HTML 16Page - Texas Instruments CDCDB800 Datasheet HTML 17Page - Texas Instruments CDCDB800 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
8.4.2 OE[7:0]# and SMBus Output Enables
Each output channel, 0 to 7, can be individually enabled or disabled by a SMBus control register bit, called
SMB enable bits. Additionally, each output channel has a dedicated, corresponding, OE[7:0]# hardware pin. The
OE[7:0]# pins are asynchronously asserted-low signals that may enable or disable the output.
Refer to Table 8-1 for enabling and disabling outputs through the hardware and software. Note that both the
SMB enable bit must be a 1 and the OEx# pin must be an input low voltage 0 for the output channel to be active.
Table 8-1. OE[7:0]# Functionality
Control Inputs
Power State Variables
(Internal)
CLKIN
OE[7:0]# HARDWARE PINS AND SMBus
CONTROL REGISTER BITS
CK[7:0]_P/
CK[7:0]_N
CKPWRGD_P
D#
PWRGD
PD#
OE[7:0]#
OUT_EN_CLK[
7:0]
DRIVE_OP_ST
ATE_CTRL
0
0
0
X
X
X
X
LOW/LOW
1
1
1
X(1)
X
0
0
LOW/LOW
1
TRI-STATE
1
X
0
LOW/LOW
1
TRI-STATE
Running(1)
0
1
X
Running
0
0
X(2)
X
X
0
LOW/LOW
1
TRI-STATE
(1)
To enter the power-down state, CLKIN must remain active for at least 3 clock cycles after CKPWRGD_PD# transitions from 1 to 0.
(2)
To enter the powered-up state with active clock outputs, CLKIN must be active before CKPWRGD_PD# transitions from 0 to 1.
8.4.3 Output Slew Rate Control
The CDCDB800 provides output slew rate control feature which customer can use to compensate for increased
output trace length based on their board design. The slew rate of a bank of 4 outputs 0 to 3 and 4 to 7, can
be changed within a given range by a SMBus control register called CAPTRIM. Refer to Table 8-15 for more
information.
8.4.4 Output Impedance Control
The integrated termination on the CDCDB800 can be programmed either for 85 Ω or 100 Ω. This flexibility
ensures that the customer can use the same device across various applications irrespective of the characteristic
board impedance which is typically either 85 Ω or 100 Ω. This termination resistor can be changed for all the
outputs as whole using bit 5 of a register called OUTSET. Refer to Table 8-13 for more information.
8.5 Programming
The CDCDB800 uses SMBus to program the states of its eight output drivers. See SMBus for more information
on the SMBus programming, and Register Maps for information on the registers.
Table 8-2. Command Code Definition
BIT
DESCRIPTION
7
0 = Block Read or Block Write operation
1 = Byte Read or Byte Write operation
(6:0)
Register address for Byte operations, or starting register address for Block, operations
CDCDB800
SNAS818 – JULY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com