Electronic Components Datasheet Search
  English  ▼

X  

CDCDB800 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCDB800 Datasheet HTML 12Page - Texas Instruments CDCDB800 Datasheet HTML 13Page - Texas Instruments CDCDB800 Datasheet HTML 14Page - Texas Instruments CDCDB800 Datasheet HTML 15Page - Texas Instruments CDCDB800 Datasheet HTML 16Page - Texas Instruments CDCDB800 Datasheet HTML 17Page - Texas Instruments CDCDB800 Datasheet HTML 18Page - Texas Instruments CDCDB800 Datasheet HTML 19Page - Texas Instruments CDCDB800 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
8.6 Register Maps
8.6.1 CDCDB800 Registers
Table 8-3 lists the CDCDB800 registers. All register locations not listed in Table 8-3 should be considered as
reserved locations and the register contents should not be modified.
Table 8-3. CDCDB800 Registers
Address
Acronym
Register Name
Section
0h
RCR1
Reserved Control Register 1
Go
1h
OECR1
Output Enable Control 1
Go
2h
OECR2
Output Enable Control 2
Go
3h
OERDBK
Output Enable# Pin Read Back
Go
4h
RCR2
Reserved Control Register 2
Go
5h
VDRREVID
Vendor/Revision Identification
Go
6h
DEVID
Device Identification
Go
7h
BTRDCNT
Byte Read Count Control
Go
8h
OUTSET
Output Setting Control
Go
76h
CAPTRIM
Slew Rate Capacitor Cluster 1 & 2
Go
Complex bit access types are encoded to fit into small table cells. Table 8-4 shows the codes that are used for
access types in this section.
Table 8-4. CDCDB800 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
8.6.1.1 RCR1 Register (Address = 0h) [reset = 47h]
RCR1 is shown in Table 8-5.
Return to the Summary Table.
The RCR1 register contains reserved bits.
Table 8-5. RCR1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
R
4h
Reserved
3-0
Reserved
R/W
7h
Reserved
8.6.1.2 OECR1 Register (Address = 1h) [reset = FFh]
OECR1 is shown in OECR1 Register Field Descriptions.
Return to the Summary Table.
The OECR1 register contains bits that enable or disable individual output clock channels [5:0].
CDCDB800
SNAS818 – JULY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com