Electronic Components Datasheet Search
  English  ▼

X  

OPA140AIDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140AIDBVT
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA140AIDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA140AIDBVT Datasheet HTML 17Page - Texas Instruments OPA140AIDBVT Datasheet HTML 18Page - Texas Instruments OPA140AIDBVT Datasheet HTML 19Page - Texas Instruments OPA140AIDBVT Datasheet HTML 20Page - Texas Instruments OPA140AIDBVT Datasheet HTML 21Page - Texas Instruments OPA140AIDBVT Datasheet HTML 22Page - Texas Instruments OPA140AIDBVT Datasheet HTML 23Page - Texas Instruments OPA140AIDBVT Datasheet HTML 24Page - Texas Instruments OPA140AIDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
7.3.9 EMI Rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of
RF signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has
a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in many ways, but
this section provides the EMIRR IN+, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
• Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
• The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit nearly matching
EMIRR performance
• EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input terminal
can be isolated on a PCB. This isolation allows the RF signal to be applied directly to the noninverting input
terminal with no complex interactions from other components or connecting PCB traces. Figure 7-6
Frequency (MHz)
0
20
40
60
80
100
120
10
100
1k
10k
PRF = -10 dbm
VS = r12 V
VCM = 0 V
Figure 7-6. OPA2140 EMIRR
The EMIRR IN+ of the OPA2140 is plotted versus frequency as shown in .If available, any dual and quad op
amp device versions have nearly similar EMIRR IN+ performance. The OPA2140 unity-gain bandwidth is
11 MHz. EMIRR performance below this frequency denotes interfering signals that fall within the op amp
bandwidth.
For more information, see the EMI Rejection Ratio of Operational Amplifiers Application Report, available for
download from www.ti.com.
www.ti.com
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com