Electronic Components Datasheet Search
  English  ▼

X  

AP4048 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP4048
Description  1000 TO 4000 MHz TO-8 & TO-8B CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP4048 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP4048 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP4048 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
0.3
0.5
0.7
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.3
0.5
0.7
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.3
0.5
0.7
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.3
0.5
0.7
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Gain vs Temperature Vcc = 15
19.0
18.0
17.0
16.0
15.0
14.0
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 15
6.0
5.0
4.0
3.0
2.0
1.0
FREQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 2
80
70
60
50
40
30
20
FREQUENCY - GHz
26.0
24.0
22.0
20.0
18.0
FREQUENCY - GHz
IP 3
0.3
0.5
0.7
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Intercept Point Vcc = 12
FREQUENCY - GHz
2nd HAR
IP 2
70
60
50
40
30
20
IP 3
+15 V
+12 V
+15 V
+12 V
Model: AR4048
Vcc= +15V
Icc = 226.20
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
300
2.29
1.46
15.42
43
1.50
-39.2
500
1.54
1.31
16.35
-13
0.65
-36.9
700
1.32
1.34
16.65
-50
0.48
-36.9
1000
1.20
1.39
16.89
-95
0.41
-37.2
1200
1.18
1.39
16.99
-124
0.39
-37.8
1400
1.21
1.38
16.95
-151
0.38
-37.8
1600
1.18
1.34
16.89
-178
0.37
-38.2
1800
1.17
1.31
16.82
156
0.36
-39.2
2000
1.23
1.23
16.82
132
0.35
-39.8
2200
1.22
1.18
16.75
106
0.35
-40.0
2400
1.22
1.16
16.71
81
0.35
-40.2
2600
1.16
1.15
16.77
56
0.35
-39.5
2800
1.16
1.14
16.89
31
0.35
-39.4
3000
1.33
1.15
16.94
5
0.36
-38.6
3200
1.49
1.15
17.04
-23
0.39
-38.0
3400
1.59
1.14
17.00
-51
0.39
-37.0
3600
1.71
1.17
16.95
-80
0.40
-36.9
3800
1.59
1.27
16.73
-110
0.43
-36.8
4000
1.55
1.42
16.30
-141
0.42
-36.4
4200
1.43
1.67
15.50
-175
0.47
-37.8
LINEAR S-PARAMETERS
Model: AR4048
Vcc= +15V
Icc= 226.20
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
300
0.39
-92.6
5.90
42.7
0.011
34.3
0.19
144.5
500
0.21
-114.0
6.57
-13.0
0.014
3.3
0.13
146.9
700
0.14
-124.9
6.80
-49.8
0.014
-16.8
0.15
141.2
1000
0.09
-144.6
6.99
-95.5
0.014
-38.6
0.16
121.1
1200
0.08
-137.0
7.07
-123.9
0.013
-53.1
0.16
102.3
1400
0.10
-128.4
7.04
-151.1
0.013
-71.0
0.16
79.8
1600
0.08
-139.8
6.99
-177.5
0.012
-87.9
0.15
60.1
1800
0.08
-148.4
6.93
156.5
0.011
-108.2
0.14
39.1
2000
0.10
-149.0
6.93
131.5
0.010
-122.7
0.10
15.5
2200
0.10
-153.7
6.88
106.3
0.010
-139.6
0.08
-21.7
2400
0.10
-130.9
6.84
80.9
0.010
-156.4
0.07
-55.5
2600
0.08
-144.0
6.90
55.9
0.011
-170.0
0.07
-87.5
2800
0.07
-134.9
6.99
30.8
0.011
177.4
0.07
-116.3
3000
0.14
-139.7
7.03
5.0
0.012
167.3
0.07
-129.3
3200
0.20
-144.5
7.11
-22.9
0.013
157.6
0.07
-144.9
3400
0.23
-139.2
7.08
-51.0
0.014
149.2
0.06
-144.4
3600
0.26
-152.9
7.04
-79.5
0.014
138.2
0.08
-116.9
3800
0.23
-163.1
6.87
-110.4
0.014
128.3
0.12
-108.4
4000
0.21
-169.5
6.53
-140.7
0.015
121.8
0.17
-110.7
4200
0.18
-153.7
5.96
-174.7
0.013
115.4
0.25
-119.8
4400
0.17
-159.0
5.29
153.3
0.012
114.4
0.30
-133.2
AP4048/AR4048
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
403



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com