Electronic Components Datasheet Search
  English  ▼

X  

AP4048 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP4048
Description  1000 TO 4000 MHz TO-8 & TO-8B CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP4048 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP4048 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP4048 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-8 Package for Amplifiers
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
12/00
AP4048
1000 TO 4000 MHz
TO-8 & TO-8B CASCADABLE AMPLIFIERS
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
0.208 (5.28)
MAX.
0.550 (13.97)
DIA.
0.025
(0.63)
0.600 (15.24)
DIA.
0.185
± 0.015
(4.70
± 0.38)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
DIA. PIN
45
° ± 3°
0.400
(10.16)
DIA. B.C.
+DC BIAS
50
Ω INPUT
GROUND
50
Ω OUTPUT
0.031
(0.79)
0.033
(0.84)
TO-8B Package for Amplifiers
AP4048
AR4048
Typical Values
AP4048/AR4048
High Output Level. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+24.0 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+35 dBm
High Reverse Isolation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
38 dB
High Performance Thin Film
Available in Surface Mount
Small Signal Gain (Min.)
16.8 dB
16.0^ dB
15.5^ dB
Gain Flatness (Max.)
±0.3 dB
±0.6 dB
±0.7 dB
Noise Figure (Max.)
<4.0 dB
4.5 dB
5.0 dB
SWR (Max.)
Input/Output
<1.6:1
1.9:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+24.0 dBm
+23.0 dBm
+22.5 dBm
Reverse Isolation
38 dB
—
—
DC Current (Max.)
225 mA
235 mA
245 mA
Guaranteed
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
700-4100 MHz
1000-4000 MHz
1000-4000 MHz
Typical @ 25° C; 2500 MHz
+12 Volts
+15 Volts
Second Order Harmonic Intercept Point . . . . .
+57 dBm
+58 dBm
Second Order Two Tone Intercept Point. . . . . .
+51 dBm
+52 dBm
Third Order Two Tone Intercept Point. . . . . . . .
+34 dBm
+35 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+20 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
200 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105° C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+12° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
+42.1° C
1 Thermal resistance is based on total power dissipation.
AR4048
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 0.5 dB less above 3700 MHz.
DIMENSIONS ARE IN INCHES (MILLIMETERS)
402
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2005/2006


Similar Part No. - AP4048

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AP4048 TELEDYNE-AP4048 Datasheet
161Kb / 2P
TO-8 & TO-8B CASCADABLE AMPLIFIERS
More results

Similar Description - AP4048

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A4011 MACOM-A4011 Datasheet
105Kb / 1P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC4083 ETC-AC4083 Datasheet
112Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1015 TELEDYNE-AC1015 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1018 TELEDYNE-AC1018 Datasheet
161Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1022 TELEDYNE-AC1022 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC4052 TELEDYNE-AC4052 Datasheet
175Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4083 TELEDYNE-AC4083 Datasheet
176Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AP4048 TELEDYNE-AP4048 Datasheet
161Kb / 2P
TO-8 & TO-8B CASCADABLE AMPLIFIERS
AR4048 TELEDYNE-AR4048 Datasheet
161Kb / 2P
TO-8 TO-8B CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com