Electronic Components Datasheet Search
  English  ▼

X  

1404644 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1404644
Description  Connector - SACC-M12FST-3PECON-PG11-M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404644 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1404644 Datasheet HTML 1Page - PHOENIX CONTACT 1404644 Datasheet HTML 2Page - PHOENIX CONTACT 1404644 Datasheet HTML 3Page - PHOENIX CONTACT 1404644 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1404644
10.10.2013   Page 1 / 4
Connector - SACC-M12FST-3PECON-PG11-M - 1404644
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Connector, 4-position, Socket straight M12, T-coded, Screw connection, Knurl material: Zinc die-cast, nickel-
plated, Cable gland Pg11, External cable diameter 8 mm ... 10 mm
Product Features
 Safe use in the field, thanks to a high degree of protection
 Flexible: connectors for on-site assembly
 Screw connection: proven connection technology for a large selection of different conductors
 High-performance: DC connectors for up to 12 A and 60 V DC
 Protection against incorrect connection using special T-coding
 
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions
External diameter
8 mm ... 10 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General
Note
Strip 22 mm off the cable sheath, strip 7 mm off the conductor insulation,
crimp the ferrule, then shorten this to 5 mm. Length of conductor with


Similar Part No. - 1404644

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404641 PHOENIX-1404641 Datasheet
285Kb / 6P
Power connector - SACC-M12MSS-3PECON-PG11-M
1404642 PHOENIX-1404642 Datasheet
298Kb / 6P
Power connector - SACC-M12FSS-3PECON-PG11-M
1404643 PHOENIX-1404643 Datasheet
291Kb / 6P
Power connector - SACC-M12MST-3PECON-PG11-M
More results

Similar Description - 1404644

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404641 PHOENIX-1404641 Datasheet
285Kb / 6P
Power connector - SACC-M12MSS-3PECON-PG11-M
1404642 PHOENIX-1404642 Datasheet
298Kb / 6P
Power connector - SACC-M12FSS-3PECON-PG11-M
1404643 PHOENIX-1404643 Datasheet
291Kb / 6P
Power connector - SACC-M12MST-3PECON-PG11-M
1408985 PHOENIX-1408985 Datasheet
128Kb / 8P
Power connectors - SACC-M12MRS-3PECON-PG11-M
09/11/2020
1408987 PHOENIX-1408987 Datasheet
130Kb / 8P
Power connectors - SACC-M12FRS-3PECON-PG11-M
09/11/2020
1410665 PHOENIX-1410665 Datasheet
528Kb / 14P
SACC-M12FS-8CON-PG11-M - Connector
1410666 PHOENIX-1410666 Datasheet
529Kb / 15P
SACC-M12MS-8CON-PG11-M - Connector
1107269 PHOENIX-1107269 Datasheet
381Kb / 12P
SACC-M12FSS-3PECON-PG 9-M - Power connector
1107272 PHOENIX-1107272 Datasheet
400Kb / 13P
SACC-M12FRS-3PECON-PG 9-M - Power connector
1107271 PHOENIX-1107271 Datasheet
416Kb / 12P
SACC-M12MRS-3PECON-PG 9-M - Power connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com