Electronic Components Datasheet Search
  English  ▼

X  

1404644 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1404644
Description  Connector - SACC-M12FST-3PECON-PG11-M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404644 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1404644 Datasheet HTML 1Page - PHOENIX CONTACT 1404644 Datasheet HTML 2Page - PHOENIX CONTACT 1404644 Datasheet HTML 3Page - PHOENIX CONTACT 1404644 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1404644
10.10.2013   Page 2 / 4
Connector - SACC-M12FST-3PECON-PG11-M - 1404644
Technical data
General
shortened ferrule: 20 mm. Connect conductors and tighten the mounting
screws with 0.2 Nm.
Rated current at 40°C
12 A
Rated voltage
60 V
Number of positions
4
Contact resistance
≤ 3 mΩ
Insulation resistance
> 10 GΩ
Coding
T power
Signal type/category
Universal
Status display
No
Surge voltage category
III
Pollution degree
3
Connection method
Screw connection
Conductor cross section
0.75 mm² ... 1.5 mm²
AWG conductor cross section
18 ... 16
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm (M12 knurl)
1 Nm ... 1.4 Nm (Pressure nut with coupling sleeve)
0.4 Nm (Connector with coupling sleeve)
0.2 Nm (Screw terminal blocks)
Assembly instructions
The wires can be connected both with ferrules and without ferrules
Material
Inflammability class according to UL 94
V0
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA 46
Material of grip body
PA 66
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
Viton (M12 socket)
Classifications
eCl@ss
eCl@ss 4.0
27140815
eCl@ss 4.1
27140815
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com