Electronic Components Datasheet Search
  English  ▼

X  

PS4053ESE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS4053ESE
Description  17V CMOS Analog Multiplexers/Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4053ESE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS4053ESE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PS8461
02/16/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RΟΝ = RΟΝ max - RΟΝ min
5. Flatness is defined as the difference between the maximum and minimum values of on-resistance measured over the specific
analog signal range, i.e., VNO = 3V to 0 and 0V to –3V.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 VCOM / VNO. See Figure 5.
Electrical Specifications - Dual Supplies (continued)
(V± = ±5V ±10%, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
c
i
m
a
n
y
D
e
m
i
T
n
o
it
i
s
n
a
r
Tt
S
N
A
R
T
1
e
r
u
g
i
F
5
2
5
70
5
2
s
n
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
al
e
D
e
m
i
T
t
N
E
P
O
3
e
r
u
g
i
F2
0
1
e
m
i
T
n
O
-
n
r
u
Tt N
O
2
e
r
u
g
i
F
0
55
7
1
ll
u
F5
2
2
e
m
i
T
ff
O
-
n
r
u
Tt F
F
O
2
e
r
u
g
i
F
5
20
40
5
1
ll
u
F0
0
2
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
QCL
,
F
n
1
=VS
R
,
V
0
=
S
0
= Ω,
5
2
20
1C
p
n
o
it
al
o
s
I
ff
O
)
7
(
R
R
I
O
CL
V
,
F
p
5
1
=
H
N
I
R
,
V
5
=
L
0
5
=
Ω,
V
,z
H
k
0
0
1
=
f
O
N
V
1
=
S
M
R
0
9
–
B
d
k
l
a
t
s
s
o
r
CX K
L
A
T
CL
R
,
F
p
5
1
=
L
0
5
=
Ω,
,z
H
k
0
0
1
=
f
V
,
6
e
r
u
g
i
F
O
N
V
1
=
S
M
R
2
9
–
t
u
p
n
I
ci
g
o
L
e
c
n
a
ti
c
a
p
a
C
C N
I
z
H
M
1
=
f8
F
p
e
c
n
a
ti
c
a
p
a
C
ff
O
O
NC
)
F
F
O
(
O
N
V
,z
H
M
1
=
f
O
N
V
0
=2
ff
O
M
O
C
e
c
n
a
ti
c
a
p
a
C
C
)
F
F
O
(
M
O
C
V
,z
H
M
1
=
f
M
O
C
V
0
=
1
5
0
4
S
P2
2
5
0
4
S
P
3
5
0
4
S
P
2
n
O
M
O
C
e
c
n
a
ti
c
a
p
a
C
C
)
N
O
(
M
O
C
V
,z
H
M
1
=
f
M
O
C
V
0
=
1
5
0
4
S
P8
2
5
0
4
S
P
3
5
0
4
S
P
8
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-r
e
w
o
P
ll
u
F
7
.
2
±8
±V
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V H
N
I
V
= A
,
+
V
r
o
V
0
=
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
0
1
µA
y
l
p
p
u
S
e
v
it
a
g
e
N
t
n
e
rr
u
C
–
I0
1
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com