Electronic Components Datasheet Search
  English  ▼

X  

PS4053ESE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS4053ESE
Description  17V CMOS Analog Multiplexers/Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4053ESE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS4053ESE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4053ESE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
PS8461
02/16/00
Electrical Specifications - Dual Supplies
(V± = ± 5V ±10%, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(.
p
m
e
Tn
i
M
)
2
(
p
y
T
)
1
(
x
a
M
)
2
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
l
a
n
g
i
S
g
o
l
a
n
A
e
g
n
a
R
)
3
(
V
G
O
L
A
N
A
ll
u
F–
V+
VV
e
c
n
a
t
si
s
e
R
n
OR N
O
,
V
5
–
=
–
V
,
V
5
=
+
V
V M
O
C
,
V
3
±
=
I O
N
A
m
1
=
5
20
60
0
1
Ω
ll
u
F5
2
1
e
c
n
a
t
si
s
e
R
-
n
O
n
e
e
w
t
e
B
h
c
t
a
M
sl
e
n
n
a
h
C
)
4
(
∆R N
O
V M
O
C
V
r
o
C
N
,
V
3
±
=
I O
N
,
A
m
1
=
V
5
–
=
–
V
,
V
5
=
+
V
5
22
1
ll
u
F8
1
e
c
n
a
t
si
s
e
R
-
n
O
s
s
e
n
t
al
F
)
5
(
R
)
N
O
(
T
A
L
F
,
V
5
–
=
–
V
,
V
5
=
+
V
I O
N
,
A
m
1
=
V M
O
C
V
0
,
V
3
±
=
5
20
1
ll
u
F5
1
ff
O
O
N
t
n
e
rr
u
C
e
g
a
k
a
e
L
)
6
(
I O
N
)
F
F
O
(
,
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
V M
O
C
,
V
5
.
4
±
=
V O
N
V
5
.
4
+
=
5
2– 1
.
00
5
A
n
ll
u
F– 0
.
10
0
1
e
g
a
k
a
e
L
ff
O
-
M
O
C
t
n
e
rr
u
C
)
6
(
I M
O
C
)
F
F
O
(
,
V
5
.
5
=
+
V
–
V,
V
5
.
5
–
=
V M
O
C
,
V
5
.
4
±
=
V O
N
V
5
.
4
+
=
1
5
0
4
S
P
5
2– 1
.
00
5
ll
u
F– 5
.
20
0
1
2
5
0
4
S
P
3
5
0
4
S
P
5
2– 1
.
00
5
ll
u
F– 5
.
10
0
1
e
g
a
k
a
e
L
n
O
M
O
C
)
7
(t
n
e
rr
u
C
I
)
N
O
(
M
O
C
V M
O
C
V
5
.
4
+
=
1
5
0
4
S
P
5
2– 1
.
00
5
ll
u
F–5
0
0
1
2
5
0
4
S
P
3
5
0
4
S
P
5
2– 1
.
00
5
ll
u
F– 5
.
20
0
1
t
u
p
n
I
c
i
g
o
L
h
g
i
H
ci
g
o
L
e
g
a
tl
o
V
t
u
p
n
I
V H
A ,V H
I
ll
u
F
4
.
2
V
w
o
L
ci
g
o
L
e
g
a
tl
o
V
t
u
p
n
I
V L
A
V
, LI
8
.
0
t
n
e
rr
u
C
t
u
p
n
I
e
g
a
tl
o
V
t
u
p
n
I
h
ti
w
w
o
L
r
o
h
g
i
H
I H
I
I
, LI
VA V
= I
V
0
,
+
V
=1
.
0
-1
.
0
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com