Electronic Components Datasheet Search
  English  ▼

X  

3522 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 3522
Description  SMD POWER RESISTORS ??AEC-Q200 QUALIFIED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3522 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  3522 Datasheet HTML 1Page - TE Connectivity Ltd 3522 Datasheet HTML 2Page - TE Connectivity Ltd 3522 Datasheet HTML 3Page - TE Connectivity Ltd 3522 Datasheet HTML 4Page - TE Connectivity Ltd 3522 Datasheet HTML 5Page - TE Connectivity Ltd 3522 Datasheet HTML 6Page - TE Connectivity Ltd 3522 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD POWER RESISTORS
– AEC-Q200 QUALIFIED
9-1773463-7 Rev. G 04/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Power derating curve
For resistors operated in ambient temperatures above 70°C, power rating
must be derated in accordance with this curve.
Construction and dimensions
L ± 0.10
W ± 0.15
H ± 0.10
ℓ ± . 5
ℓ ± .
6.35
3.20
1.10
0.60
1.80
Power rating
@70°C
Tolerance %
Resistance
Range
Standard series
Jumper
<5 Ω
3W
± 1%
Ω - 10MΩ
E96
± 5%
Ω - MΩ
E24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com