Electronic Components Datasheet Search
  English  ▼

X  

3522 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 3522
Description  SMD POWER RESISTORS ??AEC-Q200 QUALIFIED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3522 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  3522 Datasheet HTML 1Page - TE Connectivity Ltd 3522 Datasheet HTML 2Page - TE Connectivity Ltd 3522 Datasheet HTML 3Page - TE Connectivity Ltd 3522 Datasheet HTML 4Page - TE Connectivity Ltd 3522 Datasheet HTML 5Page - TE Connectivity Ltd 3522 Datasheet HTML 6Page - TE Connectivity Ltd 3522 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD POWER RESISTORS
– AEC-Q200 QUALIFIED
9-1773463-7 Rev. G 04/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Performance specification
Characteristics
Limits
Test Methods
Operational life
± %+ .Ω a
125
฀, at35% of operating power,
1000H(1.5 hours
ON , .5 hour
OFF . MIL-STD-202)
<
Ω
Appl to rate curre t for Ω
Temperature
Coefficient of
Resistance
1
Ω ≤ R ≤10Ω ≤ ±400PPM/°C
10
Ω< R ≤100Ω ≤ ±200PPM/°C
100Ω<R≤10MΩ ≤
±100PPM/°C
Parametrically test per lot and
sample size requirements, summary
to show Min, Max, Mean and
Standard deviation at room as well as
Min and Max operating
temperatures. (User Spec)
External Visual
No Mechanical Damage
Electrical test not required. Inspect
device construction, marking and
workmanship
(MIL-STD-883 Method 2009)
Physical
dimension
Reference 2.0 Dimension
standards
Verify physical dimensions to the
applicable device detail specification
Note: User(s) and Suppliers spec.
Electrical test not required.
(JESD22 MH Method JB-100)
Resistance to
solvent
Marking Unsmeared
Note: Add Aqueous wash chemical
–
OKEM Clean or equivalent.
Do not use banned solvents.
( MIL-STD-202 Method 215)
Terminal
Strength
Not broken
Force of 1.8kg for 60 seconds.
(JIS-C-6429)
High
Temperature
Exposure
(storage)
±(1%+0.1
Ω)max
1000hrs. @T=155°C.Unpowered.
Measurement at 24±2 hours after
test conclusion.
(MIL-STD-202 Method 108)
<5Ω
Appl to rate curre t for Ω
Temperature
cycling
Resistance change rate is
±
.5%+ .Ω Ma
1000 Cycles (-55°C to +155°C).
Measurement at 24±2 hours after
test conclusion
(JESD22 Method JA-104)
<5Ω
Appl to rate curre t for Ω
Moisture
Resistance
Resistance change rate is
±
.5%+ .Ω Ma .
T=24 hours /cycle. Unpowered.
Measurement at 24±2 hours
after test conclusion.
(MIL-STD-202 Method 106)
<5Ω
Appl to rate curre t for Ω
Biased Humidity
Resistance change rate is
± %+ .Ω Ma .
10% rated power, 85°C/85% RH,
1000H,
Measurement at 24 hours after test
conclusion
(MIL-STD-202 Method 103)
<
Ω
Appl to rate curre t for Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com