Electronic Components Datasheet Search
  English  ▼

X  

LMX2487 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2487
Description  3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2487 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2487 Datasheet HTML 1Page - National Semiconductor (TI) LMX2487 Datasheet HTML 2Page - National Semiconductor (TI) LMX2487 Datasheet HTML 3Page - National Semiconductor (TI) LMX2487 Datasheet HTML 4Page - National Semiconductor (TI) LMX2487 Datasheet HTML 5Page - National Semiconductor (TI) LMX2487 Datasheet HTML 6Page - National Semiconductor (TI) LMX2487 Datasheet HTML 7Page - National Semiconductor (TI) LMX2487 Datasheet HTML 8Page - National Semiconductor (TI) LMX2487 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Connection Diagram
Top View
24-Pin LLP (SQ)
20154722
Pin Descriptions
Pin #
Pin
Name
I/O
Pin Description
0
GND
-
Ground Substrate. This is on the bottom of the package and must be grounded.
1
CPoutRF
O
RF PLL charge pump output.
2
GND
-
RF PLL analog ground.
3
VddRF1
-
RF PLL analog power supply.
4
FinRF
I
RF PLL high frequency input pin.
5
FinRF*
I
RF PLL complementary high frequency input pin. Shunt to ground with a 100 pF
capacitor.
6
LE
I
MICROWIRE Load Enable. High impedance CMOS input. Data stored in the shift
registers is loaded into the internal latches when LE goes HIGH
7
DATA
I
MICROWIRE Data. High impedance binary serial data input.
8
CLK
I
MICROWIRE Clock. High impedance CMOS Clock input. Data for the various counters is
clocked into the 24 bit shift register on the rising edge
9
VddRF2
-
Power supply for RF PLL digital circuitry.
10
CE
I
Chip Enable control pin. Must be pulled high for normal operation.
11
VddRF5
I
Power supply for RF PLL digital circuitry.
12
Ftest/LD
O
Test frequency output / Lock Detect.
13
FinIF
I
IF PLL high frequency input pin.
14
VddIF1
-
IF PLL analog power supply.
15
GND
-
IF PLL digital ground.
16
CPoutIF
O
IF PLL charge pump output
17
VddIF2
-
IF PLL power supply.
18
OSCout
O
Buffered output of the OSCin signal.
19
ENOSC
I
Oscillator enable. When this is set to high, the OSCout pin is enabled regardless of the
state of other pins or register bits.
20
OSCin
I
Reference Input.
21
NC
I
This pin must be left open.
22
VddRF3
-
Power supply for RF PLL digital circuitry.
23
FLoutRF
O
RF PLL Fastlock Output. Also functions as Programmable TRI-STATE CMOS output.
24
VddRF4
-
RF PLL analog power supply.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com