Electronic Components Datasheet Search
  English  ▼

X  

LMX2487 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2487
Description  3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2487 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2487 Datasheet HTML 8Page - National Semiconductor (TI) LMX2487 Datasheet HTML 9Page - National Semiconductor (TI) LMX2487 Datasheet HTML 10Page - National Semiconductor (TI) LMX2487 Datasheet HTML 11Page - National Semiconductor (TI) LMX2487 Datasheet HTML 12Page - National Semiconductor (TI) LMX2487 Datasheet HTML 13Page - National Semiconductor (TI) LMX2487 Datasheet HTML 14Page - National Semiconductor (TI) LMX2487 Datasheet HTML 15Page - National Semiconductor (TI) LMX2487 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Typical Performance Characteristic : OSCin Input Impedance (Note 7)
20154755
Frequency (MHz)
Powered Up
Powered Down
Real
Imaginary
Magnitude
Real
Imaginary
Magnitude
5
1730
-3779
4157
392
-8137
8146
10
846
-2236
2391
155
-4487
4490
20
466
-1196
1284
107
-2215
2217
30
351
-863
932
166
-1495
-1504
40
316
-672
742
182
-1144
1158
50
278
-566
631
155
-912
925
60
261
-481
547
153
-758
774
70
252
-425
494
154
-652
669
80
239
-388
456
147
-576
595
90
234
-358
428
145
-518
538
100
230
-337
407
140
-471
492
110
225
-321
392
138
-436
458
120
219
-309
379
133
-402
123
130
214
-295
364
133
-374
397
140
208
-285
353
132
-349
373
150
207
-279
348
133
-329
355
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com