Electronic Components Datasheet Search
  English  ▼

X  

QPM1021 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPM1021
Description  10 ??12 GHz 100 W GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPM1021 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPM1021 Datasheet HTML 8Page - Qorvo, Inc QPM1021 Datasheet HTML 9Page - Qorvo, Inc QPM1021 Datasheet HTML 10Page - Qorvo, Inc QPM1021 Datasheet HTML 11Page - Qorvo, Inc QPM1021 Datasheet HTML 12Page - Qorvo, Inc QPM1021 Datasheet HTML 13Page - Qorvo, Inc QPM1021 Datasheet HTML 14Page - Qorvo, Inc QPM1021 Datasheet HTML 15Page - Qorvo, Inc QPM1021 Datasheet HTML 16Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
QPM1021
10 – 12 GHz 100 W GaN Power Amplifier
Data Sheet Rev. A, March 2019 | Subject to change without notice
13 of 16
www.qorvo.com
®
Evaluation Board (EVB) Layout Assembly
Bill of Materials
Reference Des.
Value
Description
Manuf.
Part Number
C3, C6
10 uF
CAP, CER, 10 uF, 50 V, 20%, X5R, 1206
Various
C2, C5
0.1 uF
CAP, 0.1uF, 10%, 50V, X7R, 0805
Various
C13, C14, C15, C16
CAP, 1uF, 10%, 50V, X7R, 0603
Various
R1, R2, R3, R4
20 Ohm
RES 0603 20Ohms 200mW 1% -55 to +155C
Various
J1, J2
2.92 mm
Female End Launch Connector
Southwest
Microwave
1092-02A-5
PCB
-----
Rogers 6035HTC, 10 mil dielectric, 0.5 oz.
copper (gold plated)
Rogers Corp.
C13
C14
R1
R2
R3
R4
C15
C16
C3
C2
C5
C6
VG
GND
VD
GND
VG
GND
VD
GND
J1
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com