Electronic Components Datasheet Search
  English  ▼

X  

QPM1021 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPM1021
Description  10 ??12 GHz 100 W GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPM1021 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPM1021 Datasheet HTML 1Page - Qorvo, Inc QPM1021 Datasheet HTML 2Page - Qorvo, Inc QPM1021 Datasheet HTML 3Page - Qorvo, Inc QPM1021 Datasheet HTML 4Page - Qorvo, Inc QPM1021 Datasheet HTML 5Page - Qorvo, Inc QPM1021 Datasheet HTML 6Page - Qorvo, Inc QPM1021 Datasheet HTML 7Page - Qorvo, Inc QPM1021 Datasheet HTML 8Page - Qorvo, Inc QPM1021 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
QPM1021
10 – 12 GHz 100 W GaN Power Amplifier
Data Sheet Rev. A, March 2019 | Subject to change without notice
2 of 16
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
−5 to 0 V
Drain Current (ID)
18.2 A
Gate Current (IG)
See plot pg. 11
Power Dissipation (PDISS), 85 °C, Pulsed;
PW = 150 us, DC = 20%
435 Watts
Input Power (PIN
), 50 Ω, 85 °C , VD = 28 V,
Pulsed; PW = 150 us, DC = 20%
32 dBm
Input Power (PIN), 85 °C, VSWR 3:1, VD =
28 V, Pulsed; PW = 150 us, DC = 20%
38 dBm
Lead Soldering Temperature (30 seconds)
260 °C
Storage Temperature
-55 to 150 °C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Drain Voltage (VD)
28
V
Drain Current (IDQ)
2.0
A
Operating Temperature
Range
−40
25
85
 °C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Parameter
Conditions
 (1)
Min
Typ
Max
Units
Frequency Range
10
12
GHz
Output Power
PIN = 28 dBm, Pulsed
10 GHz
11 GHz
12 GHz
51.3
50.5
50.4
dBm
Power Added Efficiency
PIN = 28 dBm, Pulsed
10 GHz
11 GHz
12 GHz
32.9
31.0
26.2
%
Power Gain
PIN = 28 dBm, Pulsed
10 GHz
11 GHz
12 GHz
23.4
22.6
22.5
dB
POUT Temperature Coefficient
Temp: 25 °C to 85 °C, PIN = 28 dBm)
–0.012
dB/°C
Small Signal Gain
10 GHz
11 GHz
12 GHz
26.6
24.0
20.2
dB
Input Return Loss
13
dB
Output Return Loss
11
dB
Small Sig. Gain Temp. Coefficient
Temp:
–40°C to 85 °C
-0.110
dB/°C
Recommended Operating Voltage
24
28
28
V
Notes:
1.
Test conditions unless otherwise noted: T = 25 °C , VD = 28 V, IDQ = 2.0 A, PW = 150 us, Duty Cycle = 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com