Electronic Components Datasheet Search
  English  ▼

X  

PCA9514AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9514AD
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9514AD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9514AD Datasheet HTML 1Page - NXP Semiconductors PCA9514AD Datasheet HTML 2Page - NXP Semiconductors PCA9514AD Datasheet HTML 3Page - NXP Semiconductors PCA9514AD Datasheet HTML 4Page - NXP Semiconductors PCA9514AD Datasheet HTML 5Page - NXP Semiconductors PCA9514AD Datasheet HTML 6Page - NXP Semiconductors PCA9514AD Datasheet HTML 7Page - NXP Semiconductors PCA9514AD Datasheet HTML 8Page - NXP Semiconductors PCA9514AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PCA9513A_PCA9514A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2005
2 of 25
Philips Semiconductors
PCA9513A; PCA9514A
Hot swappable I2C-bus and SMBus bus buffer
s 92
µA current source on SCLIN and SDAIN for PICMG backplane applications
(PCA9513A only)
s Supports clock stretching and multiple master arbitration and synchronization
s Operating power supply voltage range: 2.7 V to 5.5 V
s I/Os are not 5.5 V tolerant
s 0 Hz to 400 kHz clock frequency
s ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
s Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
s Packages offered: SO8, TSSOP8 (MSOP8)
3.
Applications
s cPCI, VME, AdvancedTCA cards and other multipoint backplane cards that are
required to be inserted or removed from an operating system
4.
Feature selection
5.
Ordering information
[1]
Also known as MSOP8.
Table 1:
Feature selection chart
Feature
PCA9510A PCA9511A PCA9512A PCA9513A PCA9514A
Idle detect
yes
yes
yes
yes
yes
High-impedance SDAn, SCLn pins for VCC = 0 V
yes
yes
yes
yes
yes
Rise time accelerator circuitry on SDAn and SCLn pins
-
yes
yes
yes
yes
Rise time accelerator circuitry hardware disable pin for
lightly loaded systems
--yes
--
Rise time accelerator threshold 0.8 V versus 0.6 V
improves noise margin
---yes
yes
READY open-drain output
yes
yes
-
yes
yes
Two VCC pins to support 5 V to 3.3 V level translation with
improved noise margins
--yes
--
1 V precharge on all SDAn and SCLn pins
in only
yes
yes
-
-
92
µA current source on SCLIN and SDAIN for PICMG
applications
---yes
-
Table 2:
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside
mark
Package
Name
Description
Version
PCA9513AD
PA9513A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9514AD
PA9514A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9513ADP
9513A
TSSOP8 [1]
plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1
PCA9514ADP
9514A
TSSOP8 [1]
plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com