Electronic Components Datasheet Search
  English  ▼

X  

PCA9514AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9514AD
Description  Hot swappable I2C-bus and SMBus bus buffer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9514AD Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9514AD Datasheet HTML 1Page - NXP Semiconductors PCA9514AD Datasheet HTML 2Page - NXP Semiconductors PCA9514AD Datasheet HTML 3Page - NXP Semiconductors PCA9514AD Datasheet HTML 4Page - NXP Semiconductors PCA9514AD Datasheet HTML 5Page - NXP Semiconductors PCA9514AD Datasheet HTML 6Page - NXP Semiconductors PCA9514AD Datasheet HTML 7Page - NXP Semiconductors PCA9514AD Datasheet HTML 8Page - NXP Semiconductors PCA9514AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PCA9513A_PCA9514A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2005
3 of 25
Philips Semiconductors
PCA9513A; PCA9514A
Hot swappable I2C-bus and SMBus bus buffer
Standard packing quantities and other packaging data are available at
www.standardics.philips.com/packaging.
6.
Block diagram
Fig 1.
Block diagram of PCA9513A
002aab680
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
SLEW RATE
DETECTOR
CONNECT
CONNECT
2 mA
2 mA
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
SLEW RATE
DETECTOR
CONNECT
CONNECT
2 mA
2 mA
SDAIN
SCLIN
0.5 pF
SCLOUT
RD
S
QB
UVLO
20 pF
0.55VCC/
0.45VCC
0.5
µA
STOP BIT AND
BUS IDLE
0.55VCC/
0.45VCC
100
µs
DELAY
UVLO
ENABLE
SDAOUT
VCC
CONNECT
CONNECT
READY
GND
PCA9513A
OVER-
VOLTAGE
CUT-OFF
92
µA
OVER-
VOLTAGE
CUT-OFF
92
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com