Electronic Components Datasheet Search
  English  ▼

X  

LT8337 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8337
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8337 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8337 Datasheet HTML 15Page - Analog Devices LT8337 Datasheet HTML 16Page - Analog Devices LT8337 Datasheet HTML 17Page - Analog Devices LT8337 Datasheet HTML 18Page - Analog Devices LT8337 Datasheet HTML 19Page - Analog Devices LT8337 Datasheet HTML 20Page - Analog Devices LT8337 Datasheet HTML 21Page - Analog Devices LT8337 Datasheet HTML 22Page - Analog Devices LT8337 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8337/LT8337-1
19
Rev. 0
For more information www.analog.com
the low parasitic inductance. Additional bulk capacitors
of 2.2µF or more should be placed close to the IC with
the positive terminals connected to VOUT, and negative
terminals connected to ground plane. The bypass capaci-
tors for VIN and INTVCC pins should also be connected to
the ground plane.
The output capacitors, along with the inductor and input
capacitors, should be placed on the same side of the
circuit board, and their connections should be made on
that layer. Place a local, unbroken power ground plane
under the application circuit on the layer closest to the
surface layer. The SW and BST nodes should be as small
as possible.
Keep the FB and RT nodes small so that the ground traces
will shield them from the noise generated by the SW and
BST nodes. It is recommended to use the GND at Pin 3
for the ground connection of the resistors connecting FB
pin or RT Pin (refer to Figure 6).
RT
R4
CVCC
COUT3
VIN
R3
R5
83371 F04
COUT2
COUT1
CBST
L
CIN1
1
R1
R2
C1
GROUND VIA
PG SIGNAL VIA
VOUT
GND
GND
Figure 5. Transient Response
Figure 6. A Recommended PCB Layout for the LT8337
VIN = 7.2V
FRONT PAGE CIRCUIT
200µs/DIV
IOUT
1A/DIV
83371 F05a
(a)
VOUT
0.2V/DIV
(AC)
VIN = 7.2V
FRONT PAGE CIRCUIT WITH LT8337-1
CC = 220pF, RC = 100k
200µs/DIV
VOUT
0.2V/DIV
(AC)
IOUT
1A/DIV
83317 F05b
(b)
Board Layout
The LT8337/LT8337-1 is specifically designed to mini-
mize EMI/EMC emissions and also to maximize efficiency
when switching at high frequencies. Figure 6 shows a
recommended PCB layout for LT8337. For more detail
and PCB design files refer to the demo board guide for
the LT8337/LT8337-1.
For optimal performance the LT8337/LT8337-1 requires
the use of multiple VOUT bypass capacitors. It is recom-
mended to connect one 1µF capacitor between VOUT at
Pin 6 and GND at Pin 5 only, and a matching 1µF capacitor
between VOUT at Pin 7 and GND at Pin 8 only to complete
the Silent Switcher EMI cancellation loops. These two
capacitors must be placed as close as possible to the
IC, and the loops formed by these two capacitors should
be symmetrical and as small as possible to achieve an
optimized EMI cancellation performance. Capacitors with
small case size, such as 0402 or 0603, are optimal due to
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com