Electronic Components Datasheet Search
  English  ▼

X  

LT8337 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8337
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8337 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8337 Datasheet HTML 16Page - Analog Devices LT8337 Datasheet HTML 17Page - Analog Devices LT8337 Datasheet HTML 18Page - Analog Devices LT8337 Datasheet HTML 19Page - Analog Devices LT8337 Datasheet HTML 20Page - Analog Devices LT8337 Datasheet HTML 21Page - Analog Devices LT8337 Datasheet HTML 22Page - Analog Devices LT8337 Datasheet HTML 23Page - Analog Devices LT8337 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8337/LT8337-1
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
2.85V to 4.2V Input, 2MHz, 5V Output Boost Converter
Efficiency vs Output Current
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
83371 TA03b
VIN = 4.2V
VIN = 3.6V
VIN = 2.85V
Burst Mode OPERATION
L: COILCRAFT XGL4030-471ME
VOUT
5V
3A AT 3.6VIN
2A AT 2.85VIN
47µF
6.3V
X7R
×2
1µF
6.3V
X7R
×2
INTVCC
SYNC/MODE
PG
VIN
SW
BST
EN/UVLO
FB
GND
VOUT
LT8337
RT
L
0.47µH
0.1µF
1M
249k
1µF
47.5k
2MHz
4.7pF
1M
549k
UVLOFALLING = 2.85V
VIN
2.85V TO 4.2V
47µF
6.3V
X7R
83371 TA03a
5V to 15V Input, 2MHz, 12V Output Boost Converter
Efficiency vs Output Current
Efficiency vs Input Voltage
VIN = 7.2V
VIN = 5V
OUTPUT CURRENT (mA)
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
83371 F04b
Burst Mode OPERATION
Burst Mode OPERATION
ILOAD = 1.5A
INPUT VOLTAGE (V)
5
6
7
9
11
13
15
8
10
12
14
90
93
92
91
94
95
96
97
98
99
100
83371 TA04c
22µF
25V
X7R
×4
1µF
25V
X7R
×2
INTVCC
SYNC/MODE
PG
VIN
SW
BST
EN/UVLO
FB
GND
VOUT
LT8337
RT
L
1.5µH
0.1µF
1M
90.9k
1µF
47.5k
2MHz
4.7pF
1M
287k
UVLOFALLING = 4.5V
22µF
25V
X7R
83371 TA04a
VOUT*
12V
1.2A AT 5VIN
2.2A AT 7.2VIN
L: COILCRAFT XGL4020-152ME
*WHEN VIN > 12V, VOUT FOLLOWS VIN.
VIN
5V TO 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com