Electronic Components Datasheet Search
  English  ▼

X  

LTC3330 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3330
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3330 Datasheet(HTML) 4 Page - Analog Devices

  LTC3330 Datasheet HTML 1Page - Analog Devices LTC3330 Datasheet HTML 2Page - Analog Devices LTC3330 Datasheet HTML 3Page - Analog Devices LTC3330 Datasheet HTML 4Page - Analog Devices LTC3330 Datasheet HTML 5Page - Analog Devices LTC3330 Datasheet HTML 6Page - Analog Devices LTC3330 Datasheet HTML 7Page - Analog Devices LTC3330 Datasheet HTML 8Page - Analog Devices LTC3330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3336
4
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPEAK (Inductor Peak Current)
10mA IPEAK Setting, ISW Rising
8.7
10
13
mA
30mA IPEAK Setting, ISW Rising
26
30
39
mA
100mA IPEAK Setting, ISW Rising
87
100
130
mA
300mA IPEAK Setting, ISW Rising
260
300
390
mA
IVALLEY (Inductor Valley Current)
10mA IPEAK Setting, ISW Falling
9
mA
30mA IPEAK Setting, ISW Falling
27
mA
100mA IPEAK Setting, ISW Falling
90
mA
300mA IPEAK Setting, ISW Falling
270
mA
Deliverable Output Current
10mA IPEAK Setting
l
8.3
mA
30mA IPEAK Setting
l
25
mA
100mA IPEAK Setting
l
83
mA
300mA IPEAK Setting
l
250
mA
IZERO
Inductor Current Going into Sleep, as a
Percentage of IPEAK
17
%
P-Channel MOSFET Switch
On-Resistance
10mA IPEAK Setting
16
Ω
30mA IPEAK Setting
5.3
Ω
100mA IPEAK Setting
1.6
Ω
300mA IPEAK Setting
0.53
Ω
N-Channel MOSFET Switch
On-Resistance
10mA IPEAK Setting, 5V VOUT Setting
9.6
Ω
30mA IPEAK Setting, 5V VOUT Setting
3.2
Ω
100mA IPEAK Setting, 5V VOUT Setting
0.96
Ω
300mA IPEAK Setting, 5V VOUT Setting
0.32
Ω
P-Channel MOSFET Switch Leakage
0
15
nA
N-Channel MOSFET Switch Leakage
0
15
nA
INTVCC Voltage
VOUT Settings < 2.4V, 0 ≤ I(INTVCC) ≤ 10µA
1.9
2
2.2
V
VOUT Settings ≥ 2.4V, 0 ≤ I(INTVCC) ≤ 10µA
VOUT
V
VUVLO Undervoltage Lockout
VIN Rising
1.95
2.2
V
VIN Falling
1.5
1.75
V
VIH Digital Input High Voltage
Pins IPK[1:0], OUT[3:0]
INTVCC – 0.15V
V
VIL Digital Input Low Voltage
Pins IPK[1:0], OUT[3:0]
0.15
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 7.2V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3336 is tested under pulsed load conditions such that
TJ ≈ TA. The specifications over the –40°C to125°C operating junction
temperature range are assured by design, characterization, and correlation
with statistical process controls. Note that the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal impedance, and other environmental factors.
Note 3: TJ is calculated from the ambient TA and power dissipation
PD according to the following formula: TJ = TA + (PD • θJA).
Note 4: Dynamic supply current is higher due to gate charge being
delivered at the switching frequency.
Note 5: The falling threshold is specified as a percentage of the average
of the measured sleep and wake-up thresholds for each selected output
voltage and the rising threshold is equal to the sleep threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com