Electronic Components Datasheet Search
  English  ▼

X  

LTC3330 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3330
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3330 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3330 Datasheet HTML 14Page - Analog Devices LTC3330 Datasheet HTML 15Page - Analog Devices LTC3330 Datasheet HTML 16Page - Analog Devices LTC3330 Datasheet HTML 17Page - Analog Devices LTC3330 Datasheet HTML 18Page - Analog Devices LTC3330 Datasheet HTML 19Page - Analog Devices LTC3330 Datasheet HTML 20Page - Analog Devices LTC3330 Datasheet HTML 21Page - Analog Devices LTC3330 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC3336
22
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
07/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC3330
Nanopower Buck-Boost DC/DC with Energy
Harvesting Battery Life Extender
VIN: 2.7V to 20V, BAT: 1.8V to 5.5V, 750nA IQ, 5mm x 5mm QFN-32 Package
LTC3331
Nsanopower Buck-Boost DC/DC with Energy
Harvesting Battery Charger
VIN: 2.7V to 20V, BAT Float: 3.45V/4V/4.1V/4.2V, 950nA IQ, 5mm × 5mm
QFN-32 Package
LTC3335
Nanopower Buck-Boost DC/DC with Integrated
Coulomb Counter
VIN: 1.8V to 5.5V, VOUT: Fixed 1.8V to 5V, IQ = 680nA, 3mm × 4mm QFN-20 Package
LTC3337
Primary Battery SOH Monitor with Precision
Coulomb Counter
VIN: 1.8V to 5.5V, IPEAK: Fixed 5mA/10mA/15mA/20mA/25mA/50mA/75mA/100mA,
IBAL: ±10mA, IQ = 100nA, 12-Lead 2mm × 2mm GQFN Package
LTC3388-1/
LTC3388-3
20V, 50mA High Efficiency Nanopower Step-
Down Regulator
VIN: 2.7V to 20V, VOUT: Fixed 1.1V to 5.5V, IQ = 720nA, MSOP-10, 3mm × 3mm
DFN-10 Packages
LTC3588-1/
LTC3588-2
Nanopower Energy Harvesting Power Supply with
Up to 100mA of Output Current
VIN: 2.7V to 20V, VOUT: Fixed 1.8V to 5V, IQ = 950nA, MSOP-10, 3mm × 3mm
DFN-10 Packages
+
U1
LTC3336
VIN
SW
PGOOD
PGOOD
INTVCC
GND
L1
22H
5V/500mA
COUT
220F
6.3V
2×
LiSOCl2
CIN1
0.1F
10V
7.2V
IPEAK = 300mA
3336 TA02
U2
LTC3336
VIN
SW
VOUT
INTVCC
GND
L2
22H
IPEAK = 300mA
CIN2
0.1F
10V
IPK0
OUT0
IPK1
OUT3
OUT2
OUT1
EN
IPK0
OUT0
IPK1
OUT3
OUT2
OUT1
EN
VOUT
Paralleling Two LTC3336s for Higher Current
5V/500mA Buck Powered from 2× Lithium Thionyl Chloride Batteries, No Load IIN = 160nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com