Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3335
Description  15V/250mA Nanopower Buck DC/DC with Programmable Peak Input Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 7Page - Analog Devices LTC3335 Datasheet HTML 8Page - Analog Devices LTC3335 Datasheet HTML 9Page - Analog Devices LTC3335 Datasheet HTML 10Page - Analog Devices LTC3335 Datasheet HTML 11Page - Analog Devices LTC3335 Datasheet HTML 12Page - Analog Devices LTC3335 Datasheet HTML 13Page - Analog Devices LTC3335 Datasheet HTML 14Page - Analog Devices LTC3335 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC3336
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VIN (Pin 1): Input Voltage. Connect the battery input
as close as possible to this pin along with an appro-
priately-sized bypass capacitor (see the Applications
Information section).
EN (Pin 2): Buck Enable Input. Logic level input refer-
enced to INTVCC. A logic high on EN enables the buck
converter. A logic low prevents the regulator from switch-
ing and discharges VOUT with a 10k resistor to ground.
IPK1 (Pin 3): Inductor Peak Current Select Bit (with IPK0).
See IPK0.
IPK0 (Pin 4): Inductor Peak Current Select Bit (with IPK1).
IPK0 should be tied to INTVCC to select high or to GND
to select low to program the desired IPEAK (see Table 1 in
the Operation section).
INTVCC (Pin 5): VCC Supply for Internal Circuits. Voltage
output used as the logic high reference for input pins
EN and IPK[1:0]. The allowed external DC load current
at INTVCC is limited to 10µA. The LQFN package has a
bypass capacitor integrated inside.
PGOOD (Pin 6): Buck Power Good Output. The PGOOD
pin is high (referenced to VOUT) when the buck regula-
tor output VOUT is in regulation. PGOOD is low when EN
is low.
OUT3 (Pin 7): Output Voltage Select Bit (with OUT2,
OUT1, and OUT0). Tie this pin to INTVCC or VOUT (for
logic high) or to GND (for logic low) to statically program
VOUT (see Table 2 in the Operation section). For dynami-
cally changing VOUT, refer to the Applications Information
section for alternate hookups.
OUT2 (Pin 8): Output Voltage Select Bit (with OUT3,
OUT1, and OUT0). See OUT3.
OUT1 (Pin 9): Output Voltage Select Bit (with OUT3,
OUT2, and OUT0). See OUT3.
OUT0 (Pin 10): Output Voltage Select Bit (with OUT3,
OUT2, and OUT1). See OUT3.
VOUT (Pin 11): Output Voltage Sense Input. The voltage
level VOUT is also used as the logic high reference for input
pins OUT[3:0] and output pin PGOOD.
SW (Pin 12): Switch Pin of the Buck Regulator. An induc-
tor should be connected from SW to VOUT. The induc-
tor value is dependent on the actual IPEAK setting. See
Inductor Selection in the Applications Information section.
GND (Exposed Pad Pin 13): Ground. This pin must be
soldered to the PCB. This pin provides both electrical con-
tact to ground and good thermal contact to the printed
circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com