Electronic Components Datasheet Search
  English  ▼

X  

LTC5569 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC5569
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5569 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC5569 Datasheet HTML 7Page - Analog Devices LTC5569 Datasheet HTML 8Page - Analog Devices LTC5569 Datasheet HTML 9Page - Analog Devices LTC5569 Datasheet HTML 10Page - Analog Devices LTC5569 Datasheet HTML 11Page - Analog Devices LTC5569 Datasheet HTML 12Page - Analog Devices LTC5569 Datasheet HTML 13Page - Analog Devices LTC5569 Datasheet HTML 14Page - Analog Devices LTC5569 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC5556
11
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Test circuit shown in Figure 1.
PRF = –6dBm/Tone, ∆f = 2MHz, PLO = 0dBm, VCC = 3.3V, VDD = 3.3V, TC = 25°C, full power mode, unless otherwise noted.
1.5GHz to 2.1GHz RF Input Matching: RF = 1.8GHz, IF = 270MHz, Low Side LO
Conv Gain and IIP3 vs RF Frequency
and IF Attenuation (3dB Steps)
SSB NF vs RF Frequency
and IF Attenuation (3dB Steps)
Conv Gain vs IF Frequency and
Attenuation, Swept RF/Fixed LO
1.8GHz Conv Gain, IIP3 and SSB NF
vs LO Power and Case Temperature
1.8GHz Conv Gain, IIP3 and SSB
NF vs IF Attenuation
1.8GHz RF Input and IF Output
P1dB vs IF Attenuation
RF Isolation vs RF Frequency
LO Leakage vs LO Frequency
1.8GHz Conv Gain, IIP3, NF and
RF Input P1dB vs Temperature
3dB
6dB
9dB
12dB
15dB
0dB
0dB
15dB
GC
IIP3
RF FREQUENCY (GHz)
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2
–9
–6
–3
0
3
6
9
12
15
18
21
24
27
5556 G36
0dB
3dB
6dB
9dB
12dB
15dB
RF FREQUENCY (GHz)
1.4
1.5
1.6
1.7
1.9
2.0
2.1
2.2
12
14
16
18
20
22
24
26
5556 G37
0dB
3dB
6dB
9dB
12dB
15dB
LO = 1.53GHz
RF = 1.55GHz to 2.05GHz
IF FREQUENCY (MHz)
20 70 120 170 220 270 320 370 420 470 520
–10
–8
–6
–4
–2
0
2
4
6
8
10
5556 G38
IIP3
NF
GC
3dB IF ATTEN
–40°C
25°C
85°C
LO INPUT POWER (dBm)
–6
–4
–2
0
2
4
6
3
5
7
9
11
13
15
17
19
21
23
25
5556 G39
IIP3
NF
GC
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
–9
–6
–3
0
3
6
9
12
15
18
21
24
27
5556 G40
IFOUT P1dB
RFIN P1dB
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
17
5556 G41
RF–IF+
or
RF–IF–
RF–LO
CHANNEL ISOLATION
3dB IF ATTEN
RF FREQUENCY (GHz)
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2
35
40
45
50
55
60
5556 G42
LO–IF+ or LO–IF–
LO–RF
3dB IF ATTEN
LO FREQUENCY (GHz)
0.5
1
1.5
2
2.5
3
–70
–65
–60
–55
–50
–45
–40
–35
–30
5556 G43
IIP3
INPUT P1dB
3dB IF ATTEN
NF
GC
CASE TEMPERATURE (°C)
–45
–15
15
45
75
105
4
6
8
10
12
14
16
18
20
22
24
26
5556 G44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com