Electronic Components Datasheet Search
  English  ▼

X  

LTC5569 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC5569
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5569 Datasheet(HTML) 2 Page - Analog Devices

  LTC5569 Datasheet HTML 1Page - Analog Devices LTC5569 Datasheet HTML 2Page - Analog Devices LTC5569 Datasheet HTML 3Page - Analog Devices LTC5569 Datasheet HTML 4Page - Analog Devices LTC5569 Datasheet HTML 5Page - Analog Devices LTC5569 Datasheet HTML 6Page - Analog Devices LTC5569 Datasheet HTML 7Page - Analog Devices LTC5569 Datasheet HTML 8Page - Analog Devices LTC5569 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC5556
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD, VCC1, VCC2, IF1+, IF1–,
IF2+, IF2–) ...................................................................4V
EN1, EN2 Input Voltages ..................–0.3V to VCC + 0.3V
LO+, LO– Input Power (500MHz to 8GHz) .......... +10dBm
RF1, RF2 Input Power (1.5GHz to 7GHz) ............+20dBm
LO+, LO– DC Voltage..............................................±0.5V
IF DVGA Peak Differential Input Voltage....................±4V
SDI, CLK, CSB, RP Input Voltages .. –0.3V to VDD + 0.3V
Operating Temperature Range (TC)........ –40°C to 105°C
Junction Temperature (TJ) .................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
9 10 11 12
TOP VIEW
33
GND
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
TJMAX = 150°C, θJC = 7.7°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
13 14 15 16
32 31 30 29 28 27 26 25
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
GND
RF1
CSB
CLK
SDI
SDO
RF2
GND
IF1+
IF1–
VDD
LO+
LO–
RP
IF2–
IF2+
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
CASE TEMPERATURE RANGE
LTC5556IUH#PBF
LTC5556IUH#TRPBF
5556
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 105°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (VCC)
l
3.0
3.3
3.6
V
SPI Supply Voltage (VDD)
l
1.6
3.6
V
Supply Current (ICC)
One Channel, Full Power Mode
Both Channels, Full Power Mode
One Channel, Reduced Power Mode
Both Channels, Reduced Power Mode
Shutdown
190
380
145
290
1.2
225
450
1.9
mA
mA
mA
mA
mA
SPI Supply Current (IDD)
Operating: CSB = Low, fCLK =20MHz
Idle: CSB = High
0.3
50
1
mA
µA
Enable Logic Inputs (EN1, EN2) Internal Pull-Down Resistors on Each Pin
Input High Voltage (On)
l
1.4
V
Input Low Voltage (Off)
l
0.5
V
Input Current
VIN = VCC = 3.6V
100
µA
Enable Turn-On Time
0.3
µs
Enable Turn-Off Time
0.1
µs
Reduced Power Logic Input (RP) Internal Pull-Down Resistor
Input High Voltage (Reduced Power, Both Channels)
l
0.7 • VDD
V
Input Low Voltage
l
0.3 • VDD
V
Input Current
VIN = VDD = 3.6V
50
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = VDD = 3.3V. Test circuit shown in Figure 1. (Note 2)
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com