Electronic Components Datasheet Search
  English  ▼

X  

AD7450A Datasheet(PDF) 9 Page - Analog Devices

Part # AD7450A
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7450A Datasheet HTML 5Page - Analog Devices AD7450A Datasheet HTML 6Page - Analog Devices AD7450A Datasheet HTML 7Page - Analog Devices AD7450A Datasheet HTML 8Page - Analog Devices AD7450A Datasheet HTML 9Page - Analog Devices AD7450A Datasheet HTML 10Page - Analog Devices AD7450A Datasheet HTML 11Page - Analog Devices AD7450A Datasheet HTML 12Page - Analog Devices AD7450A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 9 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VREF
VIN+
VIN–
GND
8
7
6
5
VDD 1
SCLK
2
SDATA
3
CS
4
AD7440/
AD7450A
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration for 8-Lead SOT-23
VDD
SCLK
SDATA
CS
8
7
6
5
VREF 1
VIN+ 2
VIN– 3
GND 4
AD7440/
AD7450A
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration for 8-Lead MSOP
Table 5. Pin Function Descriptions
Mnemonic
Function
VREF
Reference Input for the AD7440/AD7450A. An external reference must be applied to this input. For a 5 V power supply, the
reference is 2.5 V (±1%) for specified performance. For a 3 V power supply, the reference is 2 V (±1%) for specified
performance. This pin should be decoupled to GND with a capacitor of at least 0.1 µF. See the Reference section for more
details.
VIN+
Positive Terminal for Differential Analog Input.
VIN–
Negative Terminal for Differential Analog Input.
GND
Analog Ground. Ground reference point for all circuitry on the AD7440/AD7450A. All analog input signals and any external
reference signal should be referred to this GND voltage.
CS
Chip Select. Active low logic input. This input provides the dual function of initiating a conversion on the AD7440/AD7450A
and framing the serial data transfer.
SDATA
Serial Data. Logic output. The conversion result from the AD7440/AD7450A is provided on this output as a serial data stream.
The bits are clocked out on the falling edge of the SCLK input. The data stream of the AD7450A consists of four leading zeros
followed by the 12 bits of conversion data, which are provided MSB first; the data stream of the AD7440 consists of four
leading zeros, followed by the 10 bits of conversion data, followed by two trailing zeros. In both cases, the output coding is
twos complement.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as the
clock source for the conversion process.
VDD
Power Supply Input. VDD is 3 V (+20%/–10%) or 5 V (±5%). This supply should be decoupled to GND with a 0.1 µF capacitor
and a 10 µF tantalum capacitor in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com