Electronic Components Datasheet Search
  English  ▼

X  

AD7450A Datasheet(PDF) 16 Page - Analog Devices

Part # AD7450A
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450A Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7450A Datasheet HTML 12Page - Analog Devices AD7450A Datasheet HTML 13Page - Analog Devices AD7450A Datasheet HTML 14Page - Analog Devices AD7450A Datasheet HTML 15Page - Analog Devices AD7450A Datasheet HTML 16Page - Analog Devices AD7450A Datasheet HTML 17Page - Analog Devices AD7450A Datasheet HTML 18Page - Analog Devices AD7450A Datasheet HTML 19Page - Analog Devices AD7450A Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 16 of 28
TYPICAL CONNECTION DIAGRAM
Figure 26 shows a typical connection diagram for the
AD7440/AD7450A for both 5 V and 3 V supplies. In this setup,
the GND pin is connected to the analog ground plane of the
system. The VREF pin is connected to either a 2.5 V or a 2 V
decoupled reference source, depending on the power supply, to
set up the analog input range. The common-mode voltage has
to be set up externally and is the value on which the two inputs
are centered. The conversion result is output in a 16-bit word
with 4 leading zeros followed by the MSB of the 12-bit or 10-bit
result. The 10-bit result of the AD7440 is followed by 2 trailing
zeros. For more details on driving the differential inputs and
setting up the common mode, refer to the Driving Differential
Inputs section.
AD7440/
AD7450A
0.1
µF
0.1
µF
10
µF
VREF
VDD
VIN+
SCLK
3V/5V
SUPPLY
SERIAL
INTERFACE
µC/µP
SDATA
CS
GND
VIN–
2V/2.5V
VREF
*CM IS THE COMMON-MODE VOLTAGE.
CM*
VREF
p-p
CM*
VREF
p-p
Figure 26. Typical Connection Diagram
ANALOG INPUT
The analog input of the AD7440/AD7450A is fully differential.
Differential signals have a number of benefits over single-
ended signals, including noise immunity based on the device’s
common-mode rejection, improvements in distortion perfor-
mance, doubling of the device’s available dynamic range, and
flexibility in input ranges and bias points. Figure 27 defines the
fully differential analog input of the AD7440/AD7450A.
VREF
p-p
VIN+
VIN–
VREF
p-p
AD7440/
AD7450A
COMMON-MODE
VOLTAGE
Figure 27. Differential Input Definitions
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN– pins
(i.e., VIN+ – VIN–). VIN+ and VIN– are simultaneously driven by two
signals each of amplitude VREF that are 180° out of phase. The
amplitude of the differential signal is therefore –VREF to +VREF
peak-to-peak (2 × VREF). This is true regardless of the common
mode (CM).
The common mode is the average of the two signals, that is,
(VIN+ + VIN–)/2 and is therefore the voltage that the two inputs
are centered on. This results in the span of each input being
CM ± VREF/2. This voltage has to be set up externally, and its
range varies with VREF. As the value of VREF increases, the
common-mode range decreases. When driving the inputs with
an amplifier, the actual common-mode range is determined by
the amplifier’s output voltage swing.
Figure 28 and Figure 29 show how the common-mode range
typically varies with VREF for both a 5 V and a 3 V power supply.
The common mode must be in this range to guarantee the
functionality of the AD7440/AD7450A.
For ease of use, the common mode can be set up to equal VREF,
resulting in the differential signal being ±VREF centered on VREF.
When a conversion takes place, the common mode is rejected,
resulting in a virtually noise-free signal of amplitude –VREF to
+VREF, corresponding to the digital codes of 0 to 4096 in the
case of the AD7450A and 0 to 1024 in the AD7440.
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
1.75V
3.25V
COMMON-MODE RANGE
Figure 28. Input Common-Mode Range vs. VREF
(VDD = 5 V and VREF (Max) = 3.5 V)
2.5
0.5
1.0
1.5
2.0
0
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
VREF (V)
1V
2V
COMMON-MODE RANGE
Figure 29. Input Common-Mode Range vs. VREF
(VDD = 3 V and VREF (Max) =2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com