Electronic Components Datasheet Search
  English  ▼

X  

RF5565 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # RF5565
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5565 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button RF5565 Datasheet HTML 6Page - Qorvo, Inc RF5565 Datasheet HTML 7Page - Qorvo, Inc RF5565 Datasheet HTML 8Page - Qorvo, Inc RF5565 Datasheet HTML 9Page - Qorvo, Inc RF5565 Datasheet HTML 10Page - Qorvo, Inc RF5565 Datasheet HTML 11Page - Qorvo, Inc RF5565 Datasheet HTML 12Page - Qorvo, Inc RF5565 Datasheet HTML 13Page - Qorvo, Inc RF5565 Datasheet HTML 14Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14 of 14
RF5565
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5565 WiFi Receive and BT Performance Plots
5
7.5
10
12.5
15
17.5
20
2400
2450
2500
FREQUENCY (MHz)
RF5565: RECEIVE GAIN
(LNA Vdd=3.3v; LNA_EN=3.3v; C_RX=3.3v)
-10C
+25C
+70C
5
7.5
10
12.5
15
2400
2450
2500
FREQUENCY (MHz)
RF5565: RECEIVE OPERATING CURRENT
(LNA Vdd=3.3v; LNA_EN=3.3v; C_RX=3.3v)
-10C
+25C
+70C
0
0.5
1
1.5
2
2.5
3
3.5
4
2400
2450
2500
FREQUENCY (MHz)
RF5565: RECEIVE NOISE FIGURE
(LNA Vdd=3.3v; LNA_EN=3.3v; C_RX=3.3v)
-10C
+25C
+70C
-5
-4
-3
-2
-1
0
2400
2450
2500
FREQUENCY (MHz)
RF5565: RECEIVE BYPASS MODE GAIN
(LNA Vdd=3.3v; LNA_EN=0.2v; C_RX=3.3v)
-10C
+25C
+70C
-40
-39
-38
-37
-36
-35
-34
-33
-32
-31
-30
2400
2450
2500
FREQUENCY (MHz)
RF5565: TRANSMIT TO RECEIVE ISOLATION
(Vcc=3.3v; C_TX=3.3v; Vreg=3.1v; C_RX=0.2; C_BT=0.2v)
-10C
+25C
+70C
-30
-29
-28
-27
-26
-25
-24
-23
-22
-21
-20
2400
2450
2500
FREQUENCY (MHz)
RF5565: TRANSMIT TO BLUETOOTH ISOLATION
(Vcc=3.3v; C_TX=3.3v; Vreg=3.1v; C_RX=0.2; C_BT=0.2v)
-10C
+25C
+70C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com