Electronic Components Datasheet Search
  English  ▼

X  

RF5565 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RF5565
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5565 Datasheet(HTML) 3 Page - Qorvo, Inc

  RF5565 Datasheet HTML 1Page - Qorvo, Inc RF5565 Datasheet HTML 2Page - Qorvo, Inc RF5565 Datasheet HTML 3Page - Qorvo, Inc RF5565 Datasheet HTML 4Page - Qorvo, Inc RF5565 Datasheet HTML 5Page - Qorvo, Inc RF5565 Datasheet HTML 6Page - Qorvo, Inc RF5565 Datasheet HTML 7Page - Qorvo, Inc RF5565 Datasheet HTML 8Page - Qorvo, Inc RF5565 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF5565
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters,
cont.
Typical Input Power
11g
-9
dBm
11b
-5
dBm
Power Detect
Power Range
0
23
dBm
Voltage Range
0.1
1.5
V
Resistance
10
k
Capacitance
10
pF
Sensitivity
0<POUT<6dBm
3
mV/dB
6<POUT<23dBm
8
350
mV/dB
Current Consumption
VCC=3.3V, VREG=3.1V, T=25°C
ICC
170
200
mA
RF POUT=18.5dBm, 11g, 50
220
250
mA
RF POUT=20dBm, 11b, 50
Quiescent Current
90
mA
RF=“OFF”
IREG
3mA
VREG>3.0V
VCC Leakage Current
2
10
AVCC=4.8V, VREG =C_BT=C_RX=C_BWRX<0.2V
Input Port Impedance
50
Input Port Return Loss
10
15
dB
Ruggedness
No Damage Conditions: max operating voltage, max
input power, max temperature
Output VSWR
10:1
Input Power
-5
dBm
Stability
PA must be stable (no spurs above -43dBm) from 0 to
20dBm, All phase angles, no spurious or oscillations
Output VSWR
6:1
Out-of-Band Emissions 2310MHz to
2390MHz and 2483.5MHz to
2500MHz
-41.25
dBm/MHz POUT=16.5dBm, 54Mbps OFDM Modulation, 64QAM,
RBW=1MHz, VBW=100kHz, VCC=3.3V, VREG=3.1V
-41.25
dBm/MHz POUT=20.5dBm, 11Mbps CCK Modulation,
RBW=1MHz, VBW=100kHz, VCC=3.3V, VREG=3.1V
Thermal Resistance
20
°C/W
VCC = 4.8, VREG = 3.2V, POUT=20dBm, TREF=85°C
Harmonics
11b modulation, 1Mbps, BW=1MHz, up to 3:1 load
Second
-23
dBm
4.80GHz to 5.00GHz
Third
-20
dBm
7.20GHz to 7.50GHz
Turn-on/off Time
0.5
1.0
S
Output stable to within 90% of final gain, Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com