Electronic Components Datasheet Search
  English  ▼

X  

MAX17633 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17633
Description  3.3V Output-Voltage Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17633 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17633 Datasheet HTML 1Page - Maxim Integrated Products MAX17633 Datasheet HTML 2Page - Maxim Integrated Products MAX17633 Datasheet HTML 3Page - Maxim Integrated Products MAX17633 Datasheet HTML 4Page - Maxim Integrated Products MAX17633 Datasheet HTML 5Page - Maxim Integrated Products MAX17633 Datasheet HTML 6Page - Maxim Integrated Products MAX17633 Datasheet HTML 7Page - Maxim Integrated Products MAX17633 Datasheet HTML 8Page - Maxim Integrated Products MAX17633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Evaluates: MAX17633
3.3V Output-Voltage Application
MAX17633AEVKIT# Evaluation Kit
General Description
The MAX17633AEVKIT# 3.3V output evaluation kit (EV
kit) provides a proven design to evaluate the MAX17633A
high-voltage, high-efficiency, synchronous step-down
DC-DC converter. The EV kit is preset for 3.3V output at
load currents of 3.5A and features a 500kHz switching
frequency for optimum efficiency and component size.
The EV kit features an adjustable input undervoltage lock-
out, adjustable soft-start, open-drain RESET signal, and
external frequency synchronization. EV kit specifications,
settings, features and benefits are highlighted. For full
MAX17633A IC features, benefits and parameters, refer
to MAX17633 datasheet.
Features
● Wide 4.5V to 36V Input Range
● Programmed 3.3V Output, 3.5A Load Current
● 500kHz Switching Frequency
● EN/UVLO Input, Resistor-Programmable UVLO
Threshold
● Programmed 1ms Soft-Start Time
● Selectable PWM, PFM, and DCM Modes
● Open-Drain RESET Output Pulled Up To 5V of
INTVCC
● Provision for External Frequency Synchronization
● Overcurrent and Overtemperature Protection
● Proven PCB Layout
● Fully Assembled and Tested
319-100197; Rev 1; 8/18
Ordering Information appears at end of data sheet.
Quick Start
Recommended Equipment
● One MAX17633AEVKIT# EV kit
● One 0V to 36V DC, 5A power supply
● Load capable of sinking 3.5A current
● Digital voltmeter (DVM)
Equipment Setup and Test Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
Caution: Do not turn on power supply until all
connections are complete.
1) Set the input power supply at a voltage between 4.5V
and 36V. Disable the power supply.
2) Connect the positive terminal of the input power
supply to the VIN PCB pad and the negative terminal
to the nearest PGND pad. Connect the positive
terminal of the 3.5A load to the VOUT pad and the
negative terminal to the nearest PGND pad.
3) Connect a DVM across the VOUT pad and the nearest
PGND pad.
4) Verify that shunts are not installed on jumper JU1
(see Table 1 for details).
5) Select the shunt position on jumper JU2 according
to the intended mode of operation (see Table 2 for
details).
6) Turn on the input power supply.
7) Enable the load.
8) Verify that the DVM displays 3.3V.
Click
here for production status of specific part numbers.


Similar Part No. - MAX17633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17633 MAXIM-MAX17633 Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
MAX17633AATP MAXIM-MAX17633AATP Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
MAX17633AATPT MAXIM-MAX17633AATPT Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
MAX17633BATP MAXIM-MAX17633BATP Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
MAX17633BATPT MAXIM-MAX17633BATPT Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
More results

Similar Description - MAX17633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17505EVKITA MAXIM-MAX17505EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 12/13
MAX17504EVKITA MAXIM-MAX17504EVKITA Datasheet
462Kb / 11P
3.3V Output-Voltage Application
Rev 1; 2/14
MAX17503EVKITA MAXIM-MAX17503EVKITA Datasheet
751Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/13
MAX17574EVKITA MAXIM-MAX17574EVKITA Datasheet
1Mb / 10P
3.3V Output-Voltage Application
Rev 2; 5/18
MAX17546EVKITA MAXIM-MAX17546EVKITA Datasheet
866Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17545EVKITA MAXIM-MAX17545EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITA MAXIM-MAX17544EVKITA Datasheet
493Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITA MAXIM-MAX17543EVKITA Datasheet
1,014Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17536EVKITA MAXIM-MAX17536EVKITA Datasheet
926Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17761EVKITA MAXIM-MAX17761EVKITA_V01 Datasheet
813Kb / 8P
3.3V Output-Voltage Application
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com