Electronic Components Datasheet Search
  English  ▼

X  

MAX17633 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17633
Description  3.3V Output-Voltage Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17633 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17633 Datasheet HTML 1Page - Maxim Integrated Products MAX17633 Datasheet HTML 2Page - Maxim Integrated Products MAX17633 Datasheet HTML 3Page - Maxim Integrated Products MAX17633 Datasheet HTML 4Page - Maxim Integrated Products MAX17633 Datasheet HTML 5Page - Maxim Integrated Products MAX17633 Datasheet HTML 6Page - Maxim Integrated Products MAX17633 Datasheet HTML 7Page - Maxim Integrated Products MAX17633 Datasheet HTML 8Page - Maxim Integrated Products MAX17633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX17633
3.3V Output-Voltage Application
MAX17633AEVKIT# Evaluation Kit
MODE Selection (MODE/SYNC)
The device’s MODE/SYNC pin can be used to select
among forced PWM, DCM, or PFM modes of operation
at light loads. The logic state of the MODE/SYNC pin is
latched when the VCC and EN/UVLO voltages exceed
the respective UVLO rising thresholds and all internal volt-
ages are ready to allow LX switching. State changes on
the MODE/SYNC pin are ignored during normal operation.
Refer to the MAX17633 IC datasheet for more information
on the PWM, DCM, and PFM modes of operation. Table 2
shows the EV kit jumper (JU2) settings that can be used to
configure the desired mode of operation.
External Clock Synchronization
(MODE/SYNC)
The internal oscillator of the MAX17633A can be
synchronized to an external clock signal through the
MODE/ SYNC pin in DCM and PWM modes of operation.
The synchronization to an external clock is not supported
in PFM mode of operation. The external synchronization
clock frequency must be between 1.1 x fSW and 1.4 x
fSW, where fSW is the frequency of operation as set by
R5 resistor. The minimum external clock high pulse width
should be greater than 50ns and minimum external low
pulse width should be greater than 160ns. The source
impedance of the external SYNC signal source should be
below 25kΩ for reliable operation.
Hot Plug-In and Long Input Cables
The MAX17633AEVKIT# PCB layout provides an optional
electrolytic capacitor (C6, 10μF/50V). This capacitor limits
the peak voltage at the input of the MAX17633A when
the DC input source is “Hot-Plugged” to the EV kit input
terminals with long input cables. The equivalent series
resistance (ESR) of the electrolytic capacitor dampens
the oscillations caused by interaction of the inductance of
the long input cables, and the ceramic capacitors at the
power module input.
Table 2. MODE/SYNC Description (JU2)
*Default position
SHUNT
POSITION
MODE/SYNC PIN
MAX17633A EV KIT
OUTPUT
1-2
Connected to INTVCC
DCM mode of
operation
2-3*
Connected to SGND
PWM mode of
operation
Not
Installed
Unconnected
PFM model of
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com