Electronic Components Datasheet Search
  English  ▼

X  

DS1721 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1721
Description  2-Wire Digital Thermometer and Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1721 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1721 Datasheet HTML 1Page - Maxim Integrated Products DS1721 Datasheet HTML 2Page - Maxim Integrated Products DS1721 Datasheet HTML 3Page - Maxim Integrated Products DS1721 Datasheet HTML 4Page - Maxim Integrated Products DS1721 Datasheet HTML 5Page - Maxim Integrated Products DS1721 Datasheet HTML 6Page - Maxim Integrated Products DS1721 Datasheet HTML 7Page - Maxim Integrated Products DS1721 Datasheet HTML 8Page - Maxim Integrated Products DS1721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS1721
2 of 17
ORDERING INFORMATION
ORDERING
INFORMATION
PACKAGE
MARKING
DESCRIPTION
DS1721S
DS1721
DS1721 in 150 mil 8-pin SO
DS1721S+
DS1721 (See Note)
DS1721 in Lead-Free 150 mil 8-pin SO
DS1721S/T&R
DS1721
DS1721 in 150 mil 8-pin SO, 2500 Piece Tape-and-Reel
DS1721S+T&R
DS1721 (See Note)
DS1721 in Lead-Free 150 mil 8-pin SO, 2500 Piece Tape-
and-Reel
DS1721U
1721
DS1721 in 8-pin uSOP
DS1721U+
1721 (See Note)
DS1721 in Lead-Free 8-pin uSOP
DS1721U/T&R
1721
DS1721 in 8-pin uSOP, 3000 Piece Tape-and-Reel
DS1721U+T&R
1721 (See Note)
DS1721 in Lead-Free 8-pin uSOP, 3000 Piece Tape-and-Reel
Note: A ”+” symbol will also be marked on the package near the Pin 1 indicator.
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin. For 2-wire serial communication port.
2
SCL
Clock input/output pin. For 2-wire serial communication port.
3
TOUT
Thermostat output. Active when temperature exceeds TH; will reset when
temperature falls below TL.
4
GND
Ground pin.
5
A2
Address input pin.
6
A1
Address input pin.
7
A0
Address input pin.
8
VDD
Supply Voltage. 2.7V to 5.5V input power pin.
OVERVIEW
A block diagram of the DS1721 is shown in Figure 1.
The DS1721 consists of five major components:
1. Precision temperature sensor
2. Analog-to-digital converter
3. 2-wire interface electronics
4. Data registers
5. Thermostat comparator
The factory-calibrated temperature sensor requires no external components. Upon power-up, the DS1721
is in an idle mode. Upon issuance of a Start Convert T command [51h], the DS1721 begins temperature
conversions with the default resolution of 12 bits (0.0625°C resolution). Following an 8-bit command
protocol, temperature data can be read over the 2-wire interface. The host can periodically read the value
in the temperature register, which contains the last completed conversion. As conversions are performed
in the background, reading the temperature register does not affect the conversion in progress.
In power-sensitive applications, the user can put the DS1721 in a “one-shot” mode, under which the
sensor will complete and store one temperature conversion and return to a low-power standby state. In
time-sensitive applications, the user can change the conversion resolution from 12 bits to 9, 10, or 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com