Electronic Components Datasheet Search
  English  ▼

X  

DS1721 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1721
Description  2-Wire Digital Thermometer and Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1721 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1721 Datasheet HTML 1Page - Maxim Integrated Products DS1721 Datasheet HTML 2Page - Maxim Integrated Products DS1721 Datasheet HTML 3Page - Maxim Integrated Products DS1721 Datasheet HTML 4Page - Maxim Integrated Products DS1721 Datasheet HTML 5Page - Maxim Integrated Products DS1721 Datasheet HTML 6Page - Maxim Integrated Products DS1721 Datasheet HTML 7Page - Maxim Integrated Products DS1721 Datasheet HTML 8Page - Maxim Integrated Products DS1721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS1721
3 of 17
Each additional bit of resolution approximately doubles the conversion time, so 9-bit conversions can be
performed in less than a quarter of a second.
This is accomplished by issuing a command protocol to the configuration register. It is recommended that
the user issue the command protocol to program the configuration register before any temperature
conversion commands are issued after power-up. This is due to the fact that the configuration data is
stored in volatile memory and will always power-up in the default state. The configuration register
defines the conversion mode, thermometer resolution/conversion time, and active state of the thermostat
comparator output. It also contains 3 status bits denoting the state of temperature conversions and
thermostat flags.
The user can also program over-temperature (TH) and under-temperature (TL) setpoints for thermostatic
operation. The power-up state of TH is 80°C and that for TL is 75°C. The result of each temperature
conversion is compared with these setpoints. The thermostat output (TOUT) becomes active when the
measured temperature exceeds the programmed TH, and remains latched in the active state until
temperature falls below TL. Thus, any hysteresis can be realized for fan control without external
components.
Digital data is written to/read from the DS1721 via a 2-wire interface, and all communication is MSb
first. Multipoint sensing is possible with the DS1721 by uniquely setting the 3-bit address of up to eight
parts on the 2-wire bus.
DS1721 FUNCTIONAL BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com