| Electronic Components Datasheet Search |
|
DS620U Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS620U Datasheet(HTML) 9 Page - Maxim Integrated Products |
|
9 / 15 page ![]() DS620 Digital Thermometer and Thermostat 9 of 15 Figure 5. Configuration Register Address ACh bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9 bit 8 MS Byte DONE NVB THF TLF R1 * R0 * AUTOC * 1SHOT * Address ADh bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 LS Byte PO2 PO1* A2 A1 A0 M* M* M* *Stored in EEPROM Table 5. Configuration Register Bit Descriptions Bit Name User Access Functional Description DONE Read Only At power-up, DONE = 1. (Unless AUTOC = 1) DONE = 0—Temperature conversion is in progress. DONE = 1—Temperature conversion is complete. NVB Read Only At power-up, NVB = 0 NVB = 1—Write to an E 2 memory cell is in progress NVB = 0—Nonvolatile memory is not busy. THF Read/Write At power-up, THF = 0 THF = 1—The measured temperature has reached or exceeded the value stored in the TH register at anytime since power-up or since the bit was last cleared. THF remains a 1 until the power is cycled or it is overwritten with a 0 by the user. TLF Read/Write At power-up, TLF = 0 TLF = 1—The measured temperature has met or fallen below the value stored in the TL register at anytime since power-up or since the bit was last cleared. TLF remains a 1 until the power is cycled or it is overwritten with a 0 by the user. R1 * Read/Write Used to set conversion resolution (see Table 6). Factory state = 1 R0 * Read/Write Used to set conversion resolution (see Table 6). Factory state = 1 AUTOC * Read/Write Determines whether the DS620 powers up idle or converting. Factory state = 0 AUTOC = 1—DS620 powers-up converting temperature. AUTOC = 0—DS620 powers-up idle. 1SHOT * Read/Write Configures temperature conversion mode. Factory state = 0 1SHOT = 1: One-shot mode For AUTOC = 0, the device powers up idle The Start Convert command causes a single temperature conversion and then the device returns to a low-power standby state. If AUTOC = 1, the A1 pin is reconfigured as a conversion trigger for standalone operation and the device powers up and performs 1 conversion. Single conversions can be initiated using the Start Convert command or by toggling A1 high. 1SHOT = 0: Continuous conversion mode For AUTOC = 0, the Start Convert command initiates continuous conversions. For AUTOC = 1, the device powers up performing continuous conversions. Note: Changing the 1SHOT bit to 1 while continuous conversions are in progress does not stop the conversions. A Stop Convert command must first be issued after which one-shot |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |