Electronic Components Datasheet Search
  English  ▼

X  

DS620U Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS620U
Description  Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS620U Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS620U Datasheet HTML 7Page - Maxim Integrated Products DS620U Datasheet HTML 8Page - Maxim Integrated Products DS620U Datasheet HTML 9Page - Maxim Integrated Products DS620U Datasheet HTML 10Page - Maxim Integrated Products DS620U Datasheet HTML 11Page - Maxim Integrated Products DS620U Datasheet HTML 12Page - Maxim Integrated Products DS620U Datasheet HTML 13Page - Maxim Integrated Products DS620U Datasheet HTML 14Page - Maxim Integrated Products DS620U Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
DS620 Digital Thermometer and Thermostat
14 of 15
RX
TX
ACK
DS620 generates acknowledge.
30
TX
RX
xxxxxxx1b
Bus master writes to the configuration register putting
the DS620 back in 1SHOT mode: 1SHOT = 1.
31
TX
RX
START
Bus master generates a repeated start condition.
32
TX
RX
<address, 0> Bus master sends DS620 address, R/
W = 0.
33
RX
TX
ACK
DS620 generates acknowledge.
34
TX
RX
48h
Master sends COPY DATA command to DS620 to
copy data in from SRAM memory to EEPROM memory.
35
RX
TX
ACK
DS620 generates acknowledge.
36
TX
RX
START
Bus master generates a repeated start condition.
37
TX
RX
<address, 0> Bus master sends DS620 address, R/
W = 0.
38
RX
TX
ACK
DS620 generates acknowledge.
39
TX
RX
22h
Bus master sends a STOP CONVERT command to
stop the DS620 from continuously converting
temperature. NOTE: Bus master should ensure that
EEPROM copy operation is complete before executing
the STOP CONVERT command by either waiting 10ms
from the time of the COPY DATA command or
checking the NVB bit in configuration register
40
RX
TX
ACK
DS620 generates acknowledge.
41
TX
RX
STOP
Bus master sends STOP condition to end
communication with DS620. (The bus master could
send a repeated start condition if additional
communication with the DS620 is desired.)
42
WRITING THE 1SHOT BIT COMMAND SEQUENCE
Configuring from continuous mode to 1SHOT mode.
BUS
MASTER
MODE
DS620
MODE
DATA
(MSB FIRST)
COMMENTS
SEQUENCE
NUMBER
TX
RX
START
Bus master initiates a START condition.
1
TX
RX
<address, 0>
Bus master sends DS620 address, R/
W = 0.
2
RX
TX
ACK
DS620 generates acknowledge bit.
3
TX
RX
51h
Master sends START CONVERT command to DS620
to start temperature conversions.
4
RX
TX
ACK
DS620 generates acknowledge bit and begins
conversions.
5
TX
RX
START
Bus master generates a repeated start condition.
6
TX
RX
<address, 0>
Bus master sends DS620 address, R/
W = 0.
7
RX
TX
ACK
DS620 generates acknowledge.
8
TX
RX
ACh
Bus master sends the address location of the MSb of
the configuration register (contains the 1SHOT bit).
This writes to the SRAM location corresponding the
EEPROM location.
9
RX
TX
ACK
DS620 generates acknowledge.
10
TX
RX
xxxxxxx1b
Bus master writes to the configuration register putting
the DS620 in 1SHOT mode: 1SHOT = 1.
11
RX
TX
ACK
DS620 generates acknowledge.
12
TX
RX
START
Bus master generates a repeated start condition.
13
TX
RX
<address, 0>
Bus master sends DS620 address, R/
W = 0.
14
RX
TX
ACK
DS620 generates acknowledge.
15
TX
RX
48h
Master sends COPY DATA command to DS620 to
copy data in from SRAM memory to EEPROM
memory.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com