Electronic Components Datasheet Search
  English  ▼

X  

5B35 Datasheet(PDF) 5 Page - Analog Devices

Part # 5B35
Description  ISOLATED LINEARIZED 4-WIRE RDT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B35 Datasheet(HTML) 5 Page - Analog Devices

  5B35 Datasheet HTML 1Page - Analog Devices 5B35 Datasheet HTML 2Page - Analog Devices 5B35 Datasheet HTML 3Page - Analog Devices 5B35 Datasheet HTML 4Page - Analog Devices 5B35 Datasheet HTML 5Page - Analog Devices 5B35 Datasheet HTML 6Page - Analog Devices 5B35 Datasheet HTML 7Page - Analog Devices 5B35 Datasheet HTML 8Page - Analog Devices 5B35 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5B35
Rev. 0 | Page 5 of 9
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity
0 to 93% @ +40°C non-condensing
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
1Includes the combined effects of repeatability, hysteresis, and conformity error. Loads heavier than 50 k
Ω will degrade conformity and gain temperature coefficient.
2The user's board layout must separate Power Common from Output Common. When the output switch is not used, connect the Enable Input to the Output Common. Output
Common is connected to power common when the 5B35 is installed on a 5B Series backplane.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com