Electronic Components Datasheet Search
  English  ▼

X  

5B35 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B35
Description  ISOLATED LINEARIZED 4-WIRE RDT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B35 Datasheet(HTML) 3 Page - Analog Devices

  5B35 Datasheet HTML 1Page - Analog Devices 5B35 Datasheet HTML 2Page - Analog Devices 5B35 Datasheet HTML 3Page - Analog Devices 5B35 Datasheet HTML 4Page - Analog Devices 5B35 Datasheet HTML 5Page - Analog Devices 5B35 Datasheet HTML 6Page - Analog Devices 5B35 Datasheet HTML 7Page - Analog Devices 5B35 Datasheet HTML 8Page - Analog Devices 5B35 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
5B35
Rev. 0 | Page 3 of 9
5B35 Models Available
Model
Input Range
Output Range
Accuracy
5B35-01
100
Ω Platinum, α =0.00385*
-100°C to +100°C (-148°F to +212°F)
0 V to +5 V
±0.26°C
5B35-02
0°C to +100°C (+32°F to +212°F)
0 V to +5 V
±0.13°C
5B35-03
0°C to +200°C (+32°F to +392°F)
0 V to +5 V
±0.26°C
5B35-04
0°C to +600°C (+32°F to +1112°F)
0 V to +5 V
±0.78°C
5B35-05
-100°C to +200°C (-148°F to +392°F)
0 V to +5 V
±0.60°C
5B35-C-01
10
Ω Copper, α =0.004274
0°C to +120°C (10
Ω @ 0°C) (+32°F to
+248°F)
0 V to +5 V
±0.23°C
5B35-C-02
0°C to +120°C (10
Ω @ 25°C)(+32°F to
+248°F)
0 V to +5 V
±0.23°C
5B35-N-01
120
Ω Nickel, α =0.00672
0°C to +300°C (+32°F to +572°F)
0 V to +5 V
±0.40°C
5B35-Custom
*
*
5B35-C-Custom
*
*
5B35-N-Custom
*
*
* Custom Input/Output ranges are available including versions for the 100
Ω Platinum RTD with
α =0.003916. Refer to
configuration guide.
5B35 Specifications
(typical @ +25°C and Vs = +5 V dc)
Description
Model 5B35
Input Ranges
Standard Ranges
Refer to Model Table
Custom Ranges
-200°C to +850°C (100
Ω Platinum, α = 0.00385)
-80°C to +320°C (120
Ω Nickel, α = 0.00672)
-100°C to +260°C (10
Ω Copper, α = 0.004274)
Output Range (RL > 50 kΩ)
0 V to +5 V
Accuracy1
Initial @ +25°C
Refer to Model Table
Conformity Error
±0.05% Span
Input Offset vs. Temperature
±0.01°C/°C
Output Offset vs. Temperature
±20 µV/°C
Gain vs. Temperature
±0.003% of Reading/°C
Input Resistance
Power On
> 1000 M
Ω
Power Off
200 k
Ω
Overload
200 k
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.2 µV rms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com