Electronic Components Datasheet Search
  English  ▼

X  

SGL0622Z Datasheet(PDF) 1 Page - Qorvo, Inc

Part # SGL0622Z
Description  5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SGL0622Z Datasheet(HTML) 1 Page - Qorvo, Inc

  SGL0622Z Datasheet HTML 1Page - Qorvo, Inc SGL0622Z Datasheet HTML 2Page - Qorvo, Inc SGL0622Z Datasheet HTML 3Page - Qorvo, Inc SGL0622Z Datasheet HTML 4Page - Qorvo, Inc SGL0622Z Datasheet HTML 5Page - Qorvo, Inc SGL0622Z Datasheet HTML 6Page - Qorvo, Inc SGL0622Z Datasheet HTML 7Page - Qorvo, Inc SGL0622Z Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision DS20160114
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2016 Qorvo, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
SGL0622Z
5 MHz to 4000 MHz, Low-Noise SiGe HBT
MMIC Amplifier
The SGL0622Z is a low noise, high gain MMIC LNA designed for
low power single-supply operation from +2.7
 V to +3.6 V. It’s
Class-2 ESD protection and high input overdrive capability
ensures rugged performance, while its integrated active bias
circuit maintains robust stable bias over temperature and
process beta variation. The SGL0622Z is internally matched
from 5
 MHz to 4000 MHz and requires only 4 to 5 external biasing
components (DC blocks, bypass caps, inductive choke). The
SGL0622Z
is fabricated using
highly repeatable
Silicon
Germanium technology and is housed in a cost effective
RoHS/WEEE compliant 2 x 2 mm DFN package.
8 Pin, 2.0
 mm x 2.0 mm DFN Package
Functional Block Diagram
Features
High Gain, 28.6 dB at 1575 MHz
Low Noise Figure, 1.4 dB at
1575
 MHz
Low Power Consumption 10.5 mA at
+3.3
 V
Battery Operation:+2.7 V to +3.6 V
(Active Bias)
Fully Integrated Matching
Class 2 ESD Protection (>2000 V
HBM)
Ordering Information
SGL0622Z
7" Reel with 3000 pieces
SGL0622ZSQ
Sample Bag with 25 pieces
SGL0622ZSR
7" Reel with 100 pieces
SGL0622ZPCK1
100MHz to 3500MHz PCBA with 5-piece Sample Bag
Applications
High Gain GPS Receivers
ISM and WiMAX LNAs


Similar Part No. - SGL0622Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0622Z RFMD-SGL0622Z Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
SGL0622ZPCK1 RFMD-SGL0622ZPCK1 Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
SGL0622ZSQ RFMD-SGL0622ZSQ Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
SGL0622ZSR RFMD-SGL0622ZSR Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
More results

Similar Description - SGL0622Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-6389 ETC-SGA-6389 Datasheet
267Kb / 4P
DC-4000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-5586 STANFORD-SGA-5586 Datasheet
87Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SGA-4363 SIRENZA-SGA-4363 Datasheet
249Kb / 5P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5586 SIRENZA-SGA-5586 Datasheet
87Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6586 SIRENZA-SGA-6586 Datasheet
89Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5489 SIRENZA-SGA-5489 Datasheet
86Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5589 SIRENZA-SGA-5589 Datasheet
86Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4363A QORVO-QPA4363A Datasheet
883Kb / 7P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com