Electronic Components Datasheet Search
  English  ▼

X  

SGL0622Z Datasheet(PDF) 3 Page - Qorvo, Inc

Part # SGL0622Z
Description  5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SGL0622Z Datasheet(HTML) 3 Page - Qorvo, Inc

  SGL0622Z Datasheet HTML 1Page - Qorvo, Inc SGL0622Z Datasheet HTML 2Page - Qorvo, Inc SGL0622Z Datasheet HTML 3Page - Qorvo, Inc SGL0622Z Datasheet HTML 4Page - Qorvo, Inc SGL0622Z Datasheet HTML 5Page - Qorvo, Inc SGL0622Z Datasheet HTML 6Page - Qorvo, Inc SGL0622Z Datasheet HTML 7Page - Qorvo, Inc SGL0622Z Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Revision DS20160114
- 3 of 8 -
Disclaimer: Subject to change without notice
© 2016 Qorvo, Inc.
www.rfmd.com / www.qorvo.com
SGL0622Z
RFMD + TriQuint = Qorvo
Electrical Specifications
– General (Continued)
Parameter
Specification
Units
Conditions
Min
Typ
Max
Reverse Isolation, S12
39.0
dB
1.575
 GHz
38.5
dB
2.44
 GHz
39.8
dB
3.50
 GHz
Noise Figure
1.4
1.9
dB
1.575
 GHz
2.0
dB
2.44
 GHz
3.2
dB
3.50
 GHz
Thermal Resistance
110
°C/W
Device Operating Current
+7.5
+10.5
+14.5
mA
Test Conditions unless otherwise specified: VCC = +3.3 V, ID = +10.5 mA Typ., TL = +25°C, ZS =ZL =50 Ω
IIP3 Tone Spacing=1
 MHz, P
OUT per tone = −15 dBm
Typical Performance Using 850MHz Application Board
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
S21 vs. Frequency
+105 °C
+85 °C
+25 °C
−40 °C
-80
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
S12 vs. Frequency
+105 °C
+85 °C
+25 °C
−40 °C
-35
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
S11 vs. Frequency
+105 °C
+85 °C
+25 °C
−40 °C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
S22 vs. Frequency
+105 °C
+85 °C
+25 °C
−40 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com