Electronic Components Datasheet Search
  English  ▼

X  

RFSA3043 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # RFSA3043
Description  75 Voltage Controlled Attenuator (5 ??3000 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3043 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button RFSA3043 Datasheet HTML 7Page - Qorvo, Inc RFSA3043 Datasheet HTML 8Page - Qorvo, Inc RFSA3043 Datasheet HTML 9Page - Qorvo, Inc RFSA3043 Datasheet HTML 10Page - Qorvo, Inc RFSA3043 Datasheet HTML 11Page - Qorvo, Inc RFSA3043 Datasheet HTML 12Page - Qorvo, Inc RFSA3043 Datasheet HTML 13Page - Qorvo, Inc RFSA3043 Datasheet HTML 14Page - Qorvo, Inc RFSA3043 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
V
RFSA3043
75Ω Voltage Controlled Attenuator (5 – 3000 MHz)
Data Sheet
–Rev E, Jan 4, 2019| Subject to change without notice
- 11 of 16 -
www.qorvo.com
®
Typical Performance
of the Application Circuit (5 – 3000 MHz)
Test conditions unless otherwise stated: Temp.=
 + 25 °C, VDD = + 5 V, Frequency = 2000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com