Electronic Components Datasheet Search
  English  ▼

X  

RFSA3043 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSA3043
Description  75 Voltage Controlled Attenuator (5 ??3000 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3043 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSA3043 Datasheet HTML 1Page - Qorvo, Inc RFSA3043 Datasheet HTML 2Page - Qorvo, Inc RFSA3043 Datasheet HTML 3Page - Qorvo, Inc RFSA3043 Datasheet HTML 4Page - Qorvo, Inc RFSA3043 Datasheet HTML 5Page - Qorvo, Inc RFSA3043 Datasheet HTML 6Page - Qorvo, Inc RFSA3043 Datasheet HTML 7Page - Qorvo, Inc RFSA3043 Datasheet HTML 8Page - Qorvo, Inc RFSA3043 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
V
RFSA3043
75Ω Voltage Controlled Attenuator (5 – 3000 MHz)
Data Sheet
–Rev E, Jan 4, 2019| Subject to change without notice
- 2 of 16 -
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Control Voltage (VC)
-0.5 to +
 6.0 V
Supply Voltage (VDD)
-0.5 to +
 6.0 V
Mode Pin Voltage (MODE)
-0.5 to +
 6.0 V
Storage Temperature Range
−65 to +150 °C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Temperature
−40
+105
°C
Junction Temperature
+125
°C
RF Power Supply Voltage
3
5
5.5
V
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Current (ISS)
Steady state operation, current draw during attenuation
state transitions is higher.
2
mA
Thermal Resistance
TREF
taken at +85 °C from backside of PCB
35
°C / W
RF Input Power
27
dBm
Frequency Range
5
3000
MHz
Minimum Insertion Loss
1.5
2.0
dB
Gain Control Range
30
35
dB
Gain v Temperature
Peak to peak gain variation over temperature for fixed
control voltage
1.5
dB
Return Loss
15
dB
Relative Phase
Insertion phase at 15 dB attenuation relative to
Minimum attenuation
5
degree
Input 1 dB Compression Point
30
dBm
Input IP3
PIN + (IM3dBc 
/ 2)
50
dBm
Input IP2
PIN + (IM2dBc )
IM2 is f1 + f2
80
dBm
Input IH2
PIN + H2dBc
H2 is second harmonic
85
dBm
Input IH3
PIN + (H3dBc
 / 2)
H3 is third harmonic
55
dBm
CSO
55.25
 MHz to 865.25 MHz, 132 channel, +38 dBmV
Input, flat tilt
-80
dBc
CTB
-75
dBc
XMOD
-70
dBc
Voltage Control Range
Positive Attenuation Slope
5
 V control voltage is lowest insertion loss
MODE pin high
0
5
V
Voltage Control Range
Negative Attenuation Slope
0
 V control voltage is lowest insertion loss
MODE pin low
0
5
V
Voltage Control Pin Current
VC pin at 5
 V
MODE pin high
37
µA
Voltage Control Pin Current
VC pin at 5
 V
MODE pin low
37
µA
MODE Pin Logic Low
0.4
V
MODE Pin Logic High
1
V
Setting Time
1
 dB attenuation change settling with 0.1 dB
10
µSec
Notes:
1. Typical performance at these conditions: Temp. = + 25 °C, VDD = + 5 V, 1000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com