Electronic Components Datasheet Search
  English  ▼

X  

ESS58-PN Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ESS58-PN
Description  Singleturn absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ESS58-PN Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ESS58-PN Datasheet HTML 1Page - Pepperl+Fuchs Inc. ESS58-PN Datasheet HTML 2Page - Pepperl+Fuchs Inc. ESS58-PN Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Singleturn absolute encoder
ESS58-PN
Technical Data
General specifications
Detection type
photoelectric sampling
Device type
Singleturn absolute encoder
UL File Number
E223176 "For use in NFPA 79 Applications only" , if UL
marking is marked on the product.
Functional safety related parameters
MTTFd
130 a
Mission Time (TM)
20 a
L10
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
Power consumption P0
max. 4 W
Linearity
± 0.5 LSB (12 Bit) ,
Output code
binary code
Code course (counting direction)
programmable,
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
PROFINET IO
Resolution
Single turn
up to 16 Bit
Overall resolution
up to 16 Bit
Physical
Ethernet
Transfer rate
100 MBit/s
Cycle time
≤ 1 ms (IRT) ; ≤ 10 ms (RT)
Connection
Connector
Ethernet: 2 sockets M12 x 1, 4-pin, D-coded
Supply: 1 plug M12 x 1, 4-pin, A-coded
Standard conformity
Degree of protection
DIN EN 60529,
shaft side: IP64 (without shaft seal)/IP66 (with shaft seal)
housing side: IP65
Stainless steel version (INOX): completely IP67
Climatic testing
DIN EN 60068-2-3, no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 2 (Inox)
housing: stainless steel 1.4305 / AISI 303
flange: stainless steel 1.4301 / AISI 304
shaft: stainless steel 1.4305 / AISI 303
Mass
approx. 360 g (combination 1)
approx. 910 g (combination 2)
Rotational speed
max. 12000 min -1
Moment of inertia
30 gcm2
Starting torque
≤ 3 Ncm (version without shaft seal)
Tightening torque, fastening screws
max. 1.8 Nm
Shaft load
Angle offset
± 0.9 °
Axial offset
static: ± 0.3 mm, dynamic: ± 0.1 mm
Radial offset
static: ± 0.5 mm, dynamic: ± 0.2 mm
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source , if
UL marking is marked on the product.
Model Number
ESS58-PN
Features
• Industrial standard
housing Ø58 mm
•PROFINET IRT
•16 Bit singleturn
• Recessed hollow shaft
• Network loop through by means of
integrated 2 port switch (IRT
capable)
• IP address resettable
• No DIP switches for address
setting
• Mechanical compatibility with all
major encoders with fieldbus
interface
•Status LEDs
Description
In addition to the CANopen-, DeviceNet-, PRO-
FIBUS- and AS-Interface encoders, we have
broadened our product line of bus-capable ab-
solute encoders with the ESM58 for Ethernet.
Absolute singleturn rotary encoders deliver an
absolute step value for each angle setting. This
device has a maximum basic resolution of
65536 steps per revolution (16 bits).
The Ethernet interface of this absolute encoder
supports the Profinet protocol. The integrated
webserver provides Java applets, which allow
the whole parameterisation of the encoder via
any web browser. In addition to various
functions like resolution adjustment, e-mail-ser-
vices, change of the IP address and many
others, the following operation modes can be
selected:
•
Polled Mode
•
Cyclic Mode
•
Change of State Mode
The device is mounted directly onto the applica-
tion shaft, without any coupling. Rotation of the
absolute encoder is prevented by a torque rest.
R


Similar Part No. - ESS58-PN

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ESS58-PZ PF-ESS58-PZ Datasheet
339Kb / 4P
Singleturn absolute encoder
More results

Similar Description - ESS58-PN

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASS58-K PF-ASS58-K Datasheet
392Kb / 6P
Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
Singleturn absolute encoder
BVS58 PF-BVS58 Datasheet
295Kb / 4P
Singleturn absolute encoder
CVS78E PF-CVS78E Datasheet
572Kb / 6P
Singleturn absolute encoder
DSS58 PF-DSS58 Datasheet
326Kb / 4P
Singleturn absolute encoder
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
Singleturn absolute encoder
EVS58-TZ PF-EVS58-TZ Datasheet
379Kb / 6P
Singleturn absolute encoder
EVS78E-P PF-EVS78E-P Datasheet
503Kb / 4P
Singleturn absolute encoder
FSS58 PF-FSS58 Datasheet
276Kb / 5P
Singleturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com