Electronic Components Datasheet Search
  English  ▼

X  

ESS58-PN Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # ESS58-PN
Description  Singleturn absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ESS58-PN Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  ESS58-PN Datasheet HTML 1Page - Pepperl+Fuchs Inc. ESS58-PN Datasheet HTML 2Page - Pepperl+Fuchs Inc. ESS58-PN Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Singleturn absolute encoder
ESS58-PN
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
on
flashes 1)
Parameterization fault, no data
exchange
Criteria: data exchange correct.
However, the slave did not switch to the
data exchange mode.
• Slave not configured yet or wrong configuration
• Wrong station address assigned (but not outside
the permitted range)
• Actual configuration of the slave differs from the
nominal configuration
on
off
Data exchange.
Slave and operation ok.
1) flashing frequency 0.5 Hz for at least 3 seconds
Order code
ESS 5 8
–
P N R 0 B N – 0 0
Number of bits singleturn
13
8192 (standard)
16
65536
Temp.
N
normal
Output code
B
binary
Option
0
none
Exit position
R
radial
Connection type / protocol
PN
Profinet protocol, 1 female connector/1 male connector, M12 x 1
Shaft dimensions
F1A
Recessed hollow shaft Ø10 mm x 30 mm
F2A
Recessed hollow shaft Ø12 mm x 30 mm
F3A
Recessed hollow shaft Ø15 mm x 30 mm
Housing material
N
Aluminium, powder coated
W
Aluminium, powder coated with shaft seal
I
Stainless steel
Function principle
S
Singleturn
Shaft version
S
Recessed hollow shaft
Data format
E
Ethernet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com