Electronic Components Datasheet Search
  English  ▼

X  

MAX14943 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14943
Description  High-Performance Transceiver Enables Flexible Designs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14943 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14943 Datasheet HTML 13Page - Maxim Integrated Products MAX14943 Datasheet HTML 14Page - Maxim Integrated Products MAX14943 Datasheet HTML 15Page - Maxim Integrated Products MAX14943 Datasheet HTML 16Page - Maxim Integrated Products MAX14943 Datasheet HTML 17Page - Maxim Integrated Products MAX14943 Datasheet HTML 18Page - Maxim Integrated Products MAX14943 Datasheet HTML 19Page - Maxim Integrated Products MAX14943 Datasheet HTML 20Page - Maxim Integrated Products MAX14943 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
6/15
Initial release
—
1
1/17
Updated pending safety approvals
1, 6
2
10/17
Corrected RXD voltage for RXD in Absolute Maximum Ratings
2
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits)
shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2017 Maxim Integrated Products, Inc. │ 21
MAX14943
5kVRMS Isolated 20Mbps Half-Duplex PROFIBUS DP/
RS-485 Transceiver with ±35kV ESD Protection and
Integrated Transformer Driver
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com