Electronic Components Datasheet Search
  English  ▼

X  

MAX14943 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14943
Description  High-Performance Transceiver Enables Flexible Designs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14943 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14943 Datasheet HTML 1Page - Maxim Integrated Products MAX14943 Datasheet HTML 2Page - Maxim Integrated Products MAX14943 Datasheet HTML 3Page - Maxim Integrated Products MAX14943 Datasheet HTML 4Page - Maxim Integrated Products MAX14943 Datasheet HTML 5Page - Maxim Integrated Products MAX14943 Datasheet HTML 6Page - Maxim Integrated Products MAX14943 Datasheet HTML 7Page - Maxim Integrated Products MAX14943 Datasheet HTML 8Page - Maxim Integrated Products MAX14943 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DC Electrical Characteristics (continued)
(VDDA – VGNDA = 3.0V to 5.5V, VDDB – VGNDB = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Differential Driver Output
|VOD|
RL = 54Ω, TXD = high or low,
DE = high, Figure 1a
2.1
V
RL = 100Ω, TXD = high or low,
DE = high, Figure 1a
2.9
-7V ≤ VCM ≤ +12V, Figure 1b
1.5
5
Differential Driver Peak-to-Peak
Output
VODPP
Figure 2 (Note 6)
4.0
6.8
V
Change in Magnitude of
Differential Driver Output Voltage
ΔVOD
RL = 54Ω, Figure 1b (Note 7)
-0.2
+0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 54Ω, Figure 1a
1.8
3
V
Change in Magnitude of
Common-Mode Voltage
ΔVOC
RL = 54Ω, Figure 1a (Note 7)
-0.2
+0.2
V
Driver Short-Circuit Output
Current
IOSD
GNDB ≤ VOUT ≤ +12V, output low
(Note 8)
+250
mA
-7V ≤ VOUT ≤ VDDB, output high
(Note 8)
-250
Driver Short-Circuit Foldback
Output Current
IOSDF
(VDDB – 1V) ≤ VOUT ≤ +12V,
output low (Notes 5, 8)
+15
mA
-7V ≤ VOUT ≤ +1V, output high
(Note 5, 8)
-15
RECEIVER
Input Current (A and B)
IA, IB
DE = GNDA,
VDDB = GNDB
or 5.5V
VIN = +12V
+250
µA
VIN = -7V
-200
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤ +12V
-200
-125
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0V
15
mV
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ +12V, DE = low
48
kΩ
Differential Input Capacitance
CA,B
Measured between A and B,
DE = RE = GNDA at 6MHz
8
pF
PROTECTION
Thermal-Shutdown Threshold
TSHDN
Temperature Rising
+160
°C
Thermal-Shutdown Hysteresis
THYST
15
°C
ESD Protection
(A and B Pins to GNDB)
Human Body Model
±35
kV
IEC 61000-4-2 Air Gap Discharge
±12
IEC 61000-4-2- Contact Discharge
±10
ESD Protection (All Other Pins)
Human Body Model
±4
kV
MAX14943
5kVRMS Isolated 20Mbps Half-Duplex PROFIBUS DP/
RS-485 Transceiver with ±35kV ESD Protection and
Integrated Transformer Driver
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com