Electronic Components Datasheet Search
  English  ▼

X  

KBC1102 Datasheet(PDF) 2 Page - SMSC Corporation

Part # KBC1102
Description  LEGACY FREE MOBILE KBC WITH SFI, ADC AND DAC WITH SMSC SENTINELALERT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

KBC1102 Datasheet(HTML) 2 Page - SMSC Corporation

  KBC1102 Datasheet HTML 1Page - SMSC Corporation KBC1102 Datasheet HTML 2Page - SMSC Corporation KBC1102 Datasheet HTML 3Page - SMSC Corporation KBC1102 Datasheet HTML 4Page - SMSC Corporation KBC1102 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Legacy Free Mobile KBC with SFI, ADC and DAC with SMSC SentinelAlert!TM
Revision 0.8 (10-19-05)
2
SMSC KBC1102
PRODUCT PREVIEW
Three independent Hardware Driven PS/2 Ports
— Fully functional on Main and/or Suspend Power
— PS/2 edge Wake Capable
— Wake on specific mouse protocol
— Wake on specific keyboard protocol
92 General Purpose I/O Pins
Four Programmable Pulse-Width Modulator Outputs
— Multiple clock Sources and Independent Clock Rates
— 8 Bit Duty Cycle Granularity
Three Fan Tachometer Inputs
Four Programmable 16-bit Counter/Timers
Direct Battery Management with SMSC SentinelAlert!
— Analog to Digital Converter with
– 8 channels, 8b/10b conversion
– 20ms conversion time for 8 channels
— Digital to Analog Converter with SMSC SentinelAlert!
– 3 channels, 8b conversion
– 1.5ms conversion time for 3 channels
— 2-GPIO’s with SMSC SentinelAlert!
— 2-Single pin SMSC BudgetBus Sensor Interface Ports
— HW_PROTECT# output thermal event indication
MCU Serial Debug Port
Integrated Standby Power Reset Generator
156 Pin DQFN Green, Lead-Free Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com