Electronic Components Datasheet Search
  English  ▼

X  

KBC1102 Datasheet(PDF) 1 Page - SMSC Corporation

Part # KBC1102
Description  LEGACY FREE MOBILE KBC WITH SFI, ADC AND DAC WITH SMSC SENTINELALERT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

KBC1102 Datasheet(HTML) 1 Page - SMSC Corporation

  KBC1102 Datasheet HTML 1Page - SMSC Corporation KBC1102 Datasheet HTML 2Page - SMSC Corporation KBC1102 Datasheet HTML 3Page - SMSC Corporation KBC1102 Datasheet HTML 4Page - SMSC Corporation KBC1102 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMSC KBC1102
PRODUCT PREVIEW
Revision 0.8 (10-19-05)
Data Brief
PRODUCT FEATURES
KBC1102
Legacy Free Mobile
KBC with SFI, ADC and
DAC with SMSC
SentinelAlert!TM
3.3V Operation with 5V Tolerant Buffers
ACPI 1.0b/2.0 and PC99a/PC2001 Compliant
LPC Interface with Clock Run Support
— Serial IRQ Interface Compatible with Serialized
IRQ Support for PCI Systems
— 15 Direct IRQs
— ACPI SCI Interface
—nSMI
— Shadowed write only registers
LPC/Firmware Hub Host Flash Interface
— Single Byte FWH Memory Read and FWH
Memory Write Support
— FWH ID Support
— 16MB FWH Flash and Register Addressing,
128K Legacy BIOS Addressing
— Single Byte LPC Memory Read and LPC Memory
Write Support
Serial Peripheral Interface (SPI)
— Dual Ported Controller with Keeper Circuit
8 MByte Shared FlashROM Interface (SFI)
— 8051/Host CPU Hardware Arbitrated Interface
— 0.5 - 8MB - Host System BIOS & 8051 Keyboard
— 8051 64KB Code Space Accessible as Separate
32KB Pages in Flash
— Low-Power Flash Access Modes
— 8051-Programmable Flash Access Protection
– Read/Write/No-Access Protection
– Variable Bank Sizes
Host Flash Address Redirection for Recovery
Serial Flash Programming Interface
Two Power Planes
— Low Standby Current in Sleep Mode
— Main powered blocks power supplied by standby
power plane and controlled by power
management signals
3-Port ACPI Embedded Controller Interface
Configuration Register Set
— Compatible with ISA Plug-and-Play Standard
(Version 1.0a)
— Four Pin Selectable Addressing Options
— 8051-Programmable Base Address
High-Performance Embedded 8051 Keyboard and
System Controller
— Provides System Power Management
— System Watch Dog Timer (WDT)
— 8042 Style Host Interface Relocatable to 480
Different Base I/O Addresses
— Supports Interrupt and Polling Access
— Interrupt Accelerator
— 512 Bytes Data RAM
— 2 Kilobytes Scratch ROM/RAM
— On-Chip Memory-Mapped Control Registers
— Up to 18x8 Keyboard Scan Matrix
— Two 16 Bit Timer/Counters
— Eleven 8051 Interrupt Sources
— Thirty-Two 8-Bit, Host/8051 Mailbox Registers
— Thirty-six Maskable Hardware Wake-Up Events
—Fast GATEA20
— Fast CPU_RESET
— Multiple Clock Sources and Operating
Frequencies up to 32MHz
— IDLE and SLEEP Modes
— Low Power Fail-Safe Ring Oscillator ±10%
Accuracy
— Hibernation Timer with programmable wake-up
from 0.5ms to 128 minutes
— 8051-Driven 16550A UART
– 16-Byte Send/Receive FIFOs
– External Baud Clock Option
— Power-Fail Status Register
Battery Backed Resources
— 32KHz clock generator
— 1 Week Wakeup timer
Two 8584-Style SMBus Controllers
— 8051 Host Interface Logic Allows Master or Slave
Operation
— Controllers are Fully Operational on Standby
Power
— One Controller with one Port


Similar Part No. - KBC1102

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
KBC1100 SMSC-KBC1100 Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1100-RD SMSC-KBC1100-RD Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1100-RT SMSC-KBC1100-RT Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1100L SMSC-KBC1100L Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
KBC1100L-PE SMSC-KBC1100L-PE Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
More results

Similar Description - KBC1102

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
47N350 SMSC-47N350 Datasheet
4Mb / 346P
LEGACY FREE KEYBOARD EMBEDDED CONTROLLER WITH SPI AND LPC DOCKING INTERFACE
KBC1100L SMSC-KBC1100L Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
KBC1100 SMSC-KBC1100 Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1122 SMSC-KBC1122 Datasheet
591Kb / 5P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
logo
Analog Devices
AD1970 AD-AD1970 Datasheet
449Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
4/05-Revision 0
logo
SMSC Corporation
KBC1122 SMSC-KBC1122_07 Datasheet
608Kb / 5P
Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD1938 AD-AD1938_17 Datasheet
547Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
AD1939 AD-AD1939_17 Datasheet
552Kb / 33P
4 ADC/8 DAC with PLL
Rev. E
ADAU1328 AD-ADAU1328_17 Datasheet
395Kb / 33P
2 ADC/8 DAC with PLL
Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com