Electronic Components Datasheet Search
  English  ▼

X  

M40Z300AV Datasheet(PDF) 10 Page - STMicroelectronics

Part # M40Z300AV
Description  3V NVRAM Supervisor for Up to 8 LPSRAMs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300AV Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M40Z300AV Datasheet HTML 6Page - STMicroelectronics M40Z300AV Datasheet HTML 7Page - STMicroelectronics M40Z300AV Datasheet HTML 8Page - STMicroelectronics M40Z300AV Datasheet HTML 9Page - STMicroelectronics M40Z300AV Datasheet HTML 10Page - STMicroelectronics M40Z300AV Datasheet HTML 11Page - STMicroelectronics M40Z300AV Datasheet HTML 12Page - STMicroelectronics M40Z300AV Datasheet HTML 13Page - STMicroelectronics M40Z300AV Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M40Z300AV
10/20
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 4. DC and AC Measurement Conditions
Note: Output High Z is defined as the point where data is no longer driven.
Figure 9. AC Testing Load Circuit
Table 5. Capacitance
Note: 1. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M40Z300AV
VCC Supply Voltage
3.0 to 3.6V
Ambient Operating Temperature
Grade 1
0 to 70°C
Grade 6
–40 to 85°C
Load Capacitance (CL)
50pF
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
AI08897
CL = 50pF
CL includes JIG capacitance
333
Ω
DEVICE
UNDER
TEST
1.73V
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
8
pF
COUT
(3)
Input/Output Capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com